Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF161 Datasheet(PDF) 39 Page - ATMEL Corporation

Part # AT25DF161
Description  16-Megabit 2.7-volt Minimum SPI Serial Flash Memory
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25DF161 Datasheet(HTML) 39 Page - ATMEL Corporation

Back Button AT25DF161 Datasheet HTML 35Page - ATMEL Corporation AT25DF161 Datasheet HTML 36Page - ATMEL Corporation AT25DF161 Datasheet HTML 37Page - ATMEL Corporation AT25DF161 Datasheet HTML 38Page - ATMEL Corporation AT25DF161 Datasheet HTML 39Page - ATMEL Corporation AT25DF161 Datasheet HTML 40Page - ATMEL Corporation AT25DF161 Datasheet HTML 41Page - ATMEL Corporation AT25DF161 Datasheet HTML 42Page - ATMEL Corporation AT25DF161 Datasheet HTML 43Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 60 page
background image
39
3687C–DFLASH–7/09
AT25DF161 [Preliminary]
The RSTE bit will retain its state as long as power is applied to the device. Once set to the logi-
cal “1” state, the RSTE bit will remain in that state until it is modified using the Write Status
Register Byte 2 command or until the device has been power cycled. The Reset command itself
will not change the state of the RSTE bit.
11.1.7
SLE Bit
The SLE bit is used to enable and disable the Sector Lockdown and Freeze Sector Lockdown
State commands. When the SLE bit is in the logical “0” state (the default state after power-up),
the Sector Lockdown and Freeze Sector Lockdown commands are disabled. If the Sector Lock-
down and Freeze Sector Lockdown commands are disabled, then any attempts to issue the
commands will be ignored. This provides a safeguard for these commands against accidental or
erroneous execution. When the SLE bit is in the logical “1” state, the Sector Lockdown and
Freeze Sector Lockdown State commands are enabled.
Unlike the WEL bit, the SLE bit does not automatically reset after certain device operations.
Therefore, once set, the SLE bit will remain in the logical “1” state until it is modified using the
Write Status Register Byte 2 command or until the device has been power cycled. The Reset
command has no effect on the SLE bit.
If the Freeze Sector Lockdown State command has been issued, then the SLE bit will be perma-
nently reset in the logical “0” state to indicate that the Sector Lockdown command has been
disabled.
11.1.8
PS Bit
The PS bit indicates whether or not a sector is in the Program Suspend state.
11.1.9
ES Bit
The ES bit indicates whether or not a sector is in the Erase Suspend state.
11.1.10
RDY/BSY Bit
The RDY/BSY bit is used to determine whether or not an internal operation, such as a program
or erase, is in progress. To poll the RDY/BSY bit to detect the completion of a program or erase
cycle, new Status Register data must be continually clocked out of the device until the state of
the RDY/BSY bit changes from a logical “1” to a logical “0”.
Figure 11-1. Read Status Register
SCK
CS
SI
SO
MSB
23
1
0
00000101
67
5
410 11
9
812
21 22
17
20
19
18
15 16
13 14
23 24
28 29
27
26
25
30
OPCODE
MSB
MSB
DDDDDD
D
D
D
D
MSB
DDDDD
D
D
D
DD
D
D
D
D
STATUS REGISTER
BYTE 1
STATUS REGISTER
BYTE 1
STATUS REGISTER
BYTE 2
HIGH-IMPEDANCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com