Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF161 Datasheet(PDF) 35 Page - ATMEL Corporation

Part # AT25DF161
Description  16-Megabit 2.7-volt Minimum SPI Serial Flash Memory
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25DF161 Datasheet(HTML) 35 Page - ATMEL Corporation

Back Button AT25DF161 Datasheet HTML 31Page - ATMEL Corporation AT25DF161 Datasheet HTML 32Page - ATMEL Corporation AT25DF161 Datasheet HTML 33Page - ATMEL Corporation AT25DF161 Datasheet HTML 34Page - ATMEL Corporation AT25DF161 Datasheet HTML 35Page - ATMEL Corporation AT25DF161 Datasheet HTML 36Page - ATMEL Corporation AT25DF161 Datasheet HTML 37Page - ATMEL Corporation AT25DF161 Datasheet HTML 38Page - ATMEL Corporation AT25DF161 Datasheet HTML 39Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 60 page
background image
35
3687C–DFLASH–7/09
AT25DF161 [Preliminary]
11. Status Register Commands
11.1 Read Status Register
The two-byte Status Register can be read to determine the device’s ready/busy status, as well
as the status of many other functions such as Hardware Locking and Software Protection. The
Status Register can be read at any time, including during an internally self-timed program or
erase operation.
To read the Status Register, the CS pin must first be asserted and the opcode of 05h must be
clocked into the device. After the opcode has been clocked in, the device will begin outputting
Status Register data on the SO pin during every subsequent clock cycle. After the second byte
of the Status Register has been clocked out, the sequence will repeat itself starting again with
the first byte of the Status Register as long as the CS pin remains asserted and the clock pin is
being pulsed. The data in the Status Register is constantly being updated, so each repeating
sequence will output new data. The RDY/BSY status is available for both bytes of the Status
Register and is updated for each byte.
At clock frequencies above fCLK, the first two bytes of data output from the Status Register will
not be valid. Therefore, if operating at clock frequencies above fCLK, at least four bytes of data
must be clocked out from the device in order to read the correct values of both bytes of the Sta-
tus Register.
Deasserting the CS pin will terminate the Read Status Register operation and put the SO pin
into a high-impedance state. The CS pin can be deasserted at any time and does not require
that a full byte of data be read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com