Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1893 Datasheet(PDF) 102 Page - Integrated Circuit Systems

Part # ICS1893
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceiver?
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893 Datasheet(HTML) 102 Page - Integrated Circuit Systems

Back Button ICS1893_09 Datasheet HTML 98Page - Integrated Circuit Systems ICS1893_09 Datasheet HTML 99Page - Integrated Circuit Systems ICS1893_09 Datasheet HTML 100Page - Integrated Circuit Systems ICS1893_09 Datasheet HTML 101Page - Integrated Circuit Systems ICS1893_09 Datasheet HTML 102Page - Integrated Circuit Systems ICS1893_09 Datasheet HTML 103Page - Integrated Circuit Systems ICS1893_09 Datasheet HTML 104Page - Integrated Circuit Systems ICS1893_09 Datasheet HTML 105Page - Integrated Circuit Systems ICS1893_09 Datasheet HTML 106Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 152 page
background image
ICS1893 Rev C 6/6/00
June, 2000
102
Chapter 8
Management Register Set
ICS1893 Data Sheet - Release
Copyright © 2000, Integrated Circuit Systems, Inc.
All rights reserved.
8.14.5
Twisted Pair Tri-State Enable, TPTRI (bit 19.7)
The ICS1893 provides a Twisted Pair Tri-State Enable bit. This bit forces the TP_TXP and TP_TXN signals
to a high-impedance state. When this bit is set to logic:
• Zero, the Twisted Pair Interface is operational.
• One, the Twisted Pair Interface is tri-stated.
8.14.6
ICS Reserved (bits 19.12:6)
See Section 8.11.2, “ICS Reserved (bits 16.14:11)”, the text for which also applies here.
8.14.7
Force LEDs On (bit 19.5)
Each ICS1893 provides a Force LEDs On bit as a diagnostic function. This bit overrides the normal
operation of the LEDs and forces them on. When this bit is set to logic:
• Zero, the normal operation of all ICS1893 LEDs is unaffected.
• One, all ICS1893 LEDs forced on.
Note:
The ‘on’state of the LEDs driven from multi-function configuration pins is determined after the pin
is sampled.
8.14.8
ICS Reserved (bits 19.4:1)
See Section 8.11.2, “ICS Reserved (bits 16.14:11)”, the text for which also applies here.
8.14.9
Automatic 100Base-TX Power-Down (bit 19.0)
The Automatic 100Base-TX Power Down bit provides an STA with the means of enabling the ICS1893 to
automatically shut down 100Base-TX support functions when 10Base-T operations are being used. When
this bit is set to logic:
• Zero, the 100Base-TX Transceiver does not power down automatically in 100Base-TX mode.
• One, and the ICS1893 is operating in 10Base-T mode, the 100Base-TX Transceiver automatically turns
off to reduce the overall power consumption of the ICS1893.
Note:
There are other means of powering down the 100Base-TX Transceiver (for example, when the
entire device is isolated using bit 0:10).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com