Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1893 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS1893
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceiver?
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS1893_09 Datasheet HTML 1Page - Integrated Circuit Systems ICS1893_09 Datasheet HTML 2Page - Integrated Circuit Systems ICS1893_09 Datasheet HTML 3Page - Integrated Circuit Systems ICS1893_09 Datasheet HTML 4Page - Integrated Circuit Systems ICS1893_09 Datasheet HTML 5Page - Integrated Circuit Systems ICS1893_09 Datasheet HTML 6Page - Integrated Circuit Systems ICS1893_09 Datasheet HTML 7Page - Integrated Circuit Systems ICS1893_09 Datasheet HTML 8Page - Integrated Circuit Systems ICS1893_09 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 152 page
background image
ICS1893 Rev D 8/11/09
June, 2000
ICS reserves the right to make changes in the device data identified in
this publication without further notice. ICS advises its customers to
obtain the latest version of all device data to verify that any information
being relied upon by the customer is current and accurate.
Integrated Circuit Systems, Inc.
3.3-V 10Base-T/100Base-TX Integrated PHYceiver
™
ICS1893
Document Type:
Data Sheet
Document Stage: Release
Features
• Supports category 5 cables with attenuation in excess of
24 dB at 100 MHz across a temperature range from -5
°to
+85
°C
• DSP-based baseline wander correction to virtually
eliminate killer packets across temperature range of from
-5
°to +85°C
• Low-power, 0.35-micron CMOS (typically 400 mW)
• Single 3.3-V power supply.
• Single-chip, fully integrated PHY provides PCS, PMA,
PMD, and AUTONEG sublayers of IEEE standard
• 10Base-T and 100Base-TX IEEE 802.3 compliant
• Fully integrated, DSP-based PMD includes:
– Adaptive equalization and baseline wander correction
– Transmit wave shaping and stream cipher scrambler
– MLT-3 encoder and NRZ/NRZI encoder
• Highly configurable design supports:
– Node, repeater, and switch applications
– Managed and unmanaged applications
– 10M or 100M half- and full-duplex modes
– Parallel detection
– Auto-negotiation, with Next Page capabilities
• MAC/Repeater Interface can be configured as:
– 10M or 100M Media Independent Interface
– 100M Symbol Interface (bypasses the PCS)
– 10M 7-wire Serial Interface
• Small Footprint 64-pin Thin Quad Flat Pack (TQFP)
General
The ICS1893 is a low-power, physical-layer device (PHY)
that supports the ISO/IEC 10Base-T and 100Base-TX
Carrier-Sense Multiple Access/Collision Detection
(CSMA/CD) Ethernet standards. The ICS1893 architecture
is based on the ICS1892. The ICS1893 supports managed
or unmanaged node, repeater, and switch applications.
The ICS1893 incorporates digital signal processing (DSP) in
its Physical Medium Dependent (PMD) sublayer. As a result,
it can transmit and receive data on unshielded twisted-pair
(UTP) category 5 cables with attenuation in excess of 24 dB
at 100 MHz. With this ICS-patented technology, the
ICS1893 can virtually eliminate errors from killer packets.
The ICS1893 provides a Serial Management Interface for
exchanging command and status information with a Station
Management (STA) entity.
The ICS1893 Media Dependent Interface (MDI) can be
configured to provide either half- or full-duplex operation at
data rates of 10 MHz or 100 MHz. The MDI configuration
can be established manually (with input pins or control
register settings) or automatically (using th e
Auto-Negotiation features). When the ICS189 3
Auto-Negotiation sublayer is enabled, it exchanges
technology capability data with its remote link partner and
automatically selects the highest-performance operating
mode they have in common.
Clock
Power
LEDs and PHY
Address
Twisted-
Pair
Interface to
Magnetics
Modules and
RJ45
Connector
Integrated
Switch
MII
Extended
Register
Set
Interface
MUX
ICS1893 Block Diagram
PCS
•
Frame
•
CRS/COL
Detection
•
Parallel to Serial
•
4B/5B
Auto-
Negotiation
10Base-T
100Base-T
TP_PMD
•
MLT-3
•
Stream Cipher
•
Adaptive Equalizer
•
Baseline Wander
Correction
PMA
• Clock Recovery
• Link Monitor
• Signal Detection
• Error Detection
Low-Jitter
Clock
Synthesizer
Configuration
and Status
10/100 MII or
Alternate
MAC/Repeater
Interface
MII Serial
Management
Interface
NOTE: EOL for non-green parts to occur on
5/13/10 per PDN U-09-01.


Similar Part No. - ICS1893_09

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS1893AF ICST-ICS1893AF Datasheet
170Kb / 12P
3.3V 10Base-T/100Base-TX Integrated PHYceiverTM
logo
Renesas Technology Corp
ICS1893AF RENESAS-ICS1893AF Datasheet
1Mb / 137P
3.3-V 10Base-T/100Base-TX Integrated PHYceiver
2019
ICS1893AFILF RENESAS-ICS1893AFILF Datasheet
1Mb / 137P
3.3-V 10Base-T/100Base-TX Integrated PHYceiver
2019
ICS1893AFILFT RENESAS-ICS1893AFILFT Datasheet
1Mb / 137P
3.3-V 10Base-T/100Base-TX Integrated PHYceiver
2019
logo
Integrated Device Techn...
ICS1893AFLF IDT-ICS1893AFLF Datasheet
1Mb / 136P
3.3-V 10Base-T/100Base-TX Integrated PHYceiver?
More results

Similar Description - ICS1893_09

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS1893 ICST-ICS1893 Datasheet
983Kb / 152P
3.3-V 10Base-T/100Base-TX Integrated PHYceiver?
Rev C 6/6/00
ICS1893BF ICST-ICS1893BF Datasheet
1Mb / 133P
3.3-V 10Base-T/100Base-TX Integrated PHYceiver
ICS1893BRIEF ICST-ICS1893BRIEF Datasheet
389Kb / 7P
3.3-V 10Base-T/100Base-TX Integrated PHYceiver
Rev B 9/10/99
ICS1893BY-10 ICST-ICS1893BY-10 Datasheet
1Mb / 143P
3.3-V 10Base-T/100Base-TX Integrated PHYceiver
Rev A 3/24/04
ICS1893CY-10 ICST-ICS1893CY-10 Datasheet
1Mb / 143P
3.3-V 10Base-T/100Base-TX Integrated PHYceiver
Rev 1/07
logo
Integrated Device Techn...
ICS1893CF IDT-ICS1893CF Datasheet
1Mb / 127P
3.3-V 10Base-T/100Base-TX Integrated PHYceiver?
ICS1893CK-40 IDT-ICS1893CK-40 Datasheet
1Mb / 121P
3.3-V 10Base-T/100Base-TX Integrated PHYceiver?
1893AFLF IDT-1893AFLF Datasheet
1Mb / 136P
3.3-V 10Base-T/100Base-TX Integrated PHYceiver?
ICS1893AFLF IDT-ICS1893AFLF Datasheet
1Mb / 136P
3.3-V 10Base-T/100Base-TX Integrated PHYceiver?
logo
Renesas Technology Corp
ICS1893AF RENESAS-ICS1893AF Datasheet
1Mb / 137P
3.3-V 10Base-T/100Base-TX Integrated PHYceiver
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com