Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1893 Datasheet(PDF) 32 Page - Integrated Circuit Systems

Part # ICS1893
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceiver?
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893 Datasheet(HTML) 32 Page - Integrated Circuit Systems

Back Button ICS1893_09 Datasheet HTML 28Page - Integrated Circuit Systems ICS1893_09 Datasheet HTML 29Page - Integrated Circuit Systems ICS1893_09 Datasheet HTML 30Page - Integrated Circuit Systems ICS1893_09 Datasheet HTML 31Page - Integrated Circuit Systems ICS1893_09 Datasheet HTML 32Page - Integrated Circuit Systems ICS1893_09 Datasheet HTML 33Page - Integrated Circuit Systems ICS1893_09 Datasheet HTML 34Page - Integrated Circuit Systems ICS1893_09 Datasheet HTML 35Page - Integrated Circuit Systems ICS1893_09 Datasheet HTML 36Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 152 page
background image
ICS1893 Rev C 6/6/00
June, 2000
32
Chapter 6
Interface Overviews
ICS1893 Data Sheet - Release
Copyright © 2000, Integrated Circuit Systems, Inc.
All rights reserved.
6.5.1
Twisted-Pair Transmitter Interface
The twisted-pair transmitter driver uses an H-bridge configuration, which requires that the transmit
transformer not have a choke on the chip side. ICS suggests any of the following for the H-bridge:
• Halo TG22S012ND transformer
• Transpower HB617-LP transformer
• Pulse 68517 transformer, which can be turned around to move the choke windings to the RJ-45 side
Figure 6-1 shows the design for the ICS1893 twisted-pair transmitter interface.
• Two 61.9
Ω 1% resistors are in series, with a 120-nH 5% inductor between them. These components
form a network that connects across both the transformer and the ICS1893 TP_TXP and TP_TXN pins.
• The ICS1893 supplies the power to the transformer. (No VDD connection is required.)
• The ICS1893 TP_CT pin is connected directly to the transformer transmit center tap connection and is
bypassed to ground with a 100-pF capacitor. The transformer center tap must not connect to the
resistor/inductor network.
Note:
1.
If the transmit transformer has a choke, put a choke on the RJ-45 side. Do not put a choke on the
ICS1893 side of the transformer for the transmit windings.
2.
Keep all TX traces as short as possible.
3.
When making board traces, 50
Ω-characteristic impedance is desirable
4.
Include a 0
Ω resistor in series with TP_CT. (Some systems work better without the TP_CT
connection.)
Figure 6-1.
ICS1893 Transmit Twisted Pair
ICS1893
TP_TXP 5
TP_TXN 6
TP_CT 3
61.9
Ω 1%
120 nH
61.9
Ω 1%
To RJ-45
1:1
System Ground Plane
Chassis Ground Plane
75
Ω
0.1
µF
Separate Ground Plane
Ideally, for these traces Zo = 50Ω .
Center
Tap
100 pF
0
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com