Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1893 Datasheet(PDF) 34 Page - Integrated Circuit Systems

Part # ICS1893
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceiver?
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893 Datasheet(HTML) 34 Page - Integrated Circuit Systems

Back Button ICS1893_09 Datasheet HTML 30Page - Integrated Circuit Systems ICS1893_09 Datasheet HTML 31Page - Integrated Circuit Systems ICS1893_09 Datasheet HTML 32Page - Integrated Circuit Systems ICS1893_09 Datasheet HTML 33Page - Integrated Circuit Systems ICS1893_09 Datasheet HTML 34Page - Integrated Circuit Systems ICS1893_09 Datasheet HTML 35Page - Integrated Circuit Systems ICS1893_09 Datasheet HTML 36Page - Integrated Circuit Systems ICS1893_09 Datasheet HTML 37Page - Integrated Circuit Systems ICS1893_09 Datasheet HTML 38Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 152 page
background image
ICS1893 Rev C 6/6/00
June, 2000
34
Chapter 6
Interface Overviews
ICS1893 Data Sheet - Release
Copyright © 2000, Integrated Circuit Systems, Inc.
All rights reserved.
6.6
Clock Reference Interface
The REF_IN pin provides the ICS1893 Clock Reference Interface. The ICS1893 requires a single clock
reference with a frequency of 25 MHz ±50 parts per million. This accuracy is necessary to meet the
interface requirements of the ISO/IEEE 8802-3 standard, specifically clauses 22.2.2.1 and 24.2.3.4. The
ICS1893 supports two clock source configurations: a CMOS oscillator or a CMOS driver. The input to
REF_IN is CMOS (10% to 90% VDD), not TTL.
6.7
Configuration Interface
The following Configuration and Status Interface pins allow the ICS1893 to be completely configured and
controlled in hardware mode:
• 10/100SEL
• ANSEL
• DPXSEL
• HW/SW
• MII/SI
• NOD/REP
• RESETn
• RXTRI
These pins allow the ICS1893 to accommodate the following:
• 10M or 100M operations
• Four MAC/Repeater Interface configurations:
– 10M MII
– 100M MII
– 100M Symbol
– 10M Serial
• Node or repeater applications
• Full-duplex or half-duplex data links
In addition to the ISO/IEC-specified, MII control signals, the ICS1893 provides RXTRI, which is a tri-state
enable pin for the MII receive data path. When this pin is active (that is, a logic one), the following pins are
tri-stated:
• RXCLK
• RXD[3:0]
• RXDV
• RXER
Functionally, the RXTRI pin affects the MII receive channel in the same way as the Control Register’s
isolate bit, bit 0.10. (The isolate bit also affects the transmit data path.) The ICS1893 can tri-state these
seven signals for all five types of MAC/Repeater Interface configurations, not just the MII interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com