Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1893 Datasheet(PDF) 68 Page - Integrated Circuit Systems

Part # ICS1893
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceiver?
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893 Datasheet(HTML) 68 Page - Integrated Circuit Systems

Back Button ICS1893_09 Datasheet HTML 64Page - Integrated Circuit Systems ICS1893_09 Datasheet HTML 65Page - Integrated Circuit Systems ICS1893_09 Datasheet HTML 66Page - Integrated Circuit Systems ICS1893_09 Datasheet HTML 67Page - Integrated Circuit Systems ICS1893_09 Datasheet HTML 68Page - Integrated Circuit Systems ICS1893_09 Datasheet HTML 69Page - Integrated Circuit Systems ICS1893_09 Datasheet HTML 70Page - Integrated Circuit Systems ICS1893_09 Datasheet HTML 71Page - Integrated Circuit Systems ICS1893_09 Datasheet HTML 72Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 152 page
background image
ICS1893 Rev C 6/6/00
June, 2000
68
Chapter 8
Management Register Set
ICS1893 Data Sheet - Release
Copyright © 2000, Integrated Circuit Systems, Inc.
All rights reserved.
8.3.2
100Base-TX Full Duplex (bit 1.14)
The STA reads this bit to learn if the ICS1893 can support 100Base-TX, full-duplex operations. The
ISO/IEC specification requires that the ICS1893 must set bit 1.14 to logic:
• Zero if it cannot support 100Base-TX, full-duplex operations.
• One if it can support 100Base-TX, full-duplex operations. (For the ICS1893, the default value of bit 1.14
is logic one, in that the ICS1893 supports 100Base-TX, full-duplex operations.)
Bit 1.14 is a Command Override Write bit, which allows an STA to alter the default value of this bit. [See the
description of bit 16.15, the Command Override Write Enable bit, in Section 8.11, “Register 16: Extended
Control Register”.]
8.3.3
100Base-TX Half Duplex (bit 1.13)
The STA reads this bit to learn if the ICS1893 can support 100Base-TX, half-duplex operations. The
ISO/IEC specification requires that the ICS1893 must set bit 1.13 to logic:
• Zero if it cannot support 100Base-TX, half-duplex operations.
• One if it can support 100Base-TX, half-duplex operations. (For the ICS1893, the default value of bit 1.13
is logic one. Therefore, when an STA reads the Status Register, the STA is informed that the ICS1893
supports 100Base-TX, half-duplex operations.)
This bit 1.13 is a Command Override Write bit, which allows an STA to alter the default value of this bit.
[See the description of bit 16.15, the Command Override Write Enable bit, in Section 8.11, “Register 16:
Extended Control Register”.]
8.3.4
10Base-T Full Duplex (bit 1.12)
The STA reads this bit to learn if the ICS1893 can support 10Base-T, full-duplex operations. The ISO/IEC
specification requires that the ICS1893 must set bit 1.12 to logic:
• Zero if it cannot support 10Base-T, full-duplex operations.
• One if it can support 10Base-T, full-duplex operations. (For the ICS1893, the default value of bit 1.12 is
logic one. Therefore, when an STA reads the Status Register, the STA is informed that the ICS1893
supports 10Base-T, full-duplex operations.)
This bit 1.12 is a Command Override Write bit, which allows an STA to alter the default value of this bit.
[See the description of bit 16.15, the Command Override Write Enable bit, in Section 8.11, “Register 16:
Extended Control Register”.]
8.3.5
10Base-T Half Duplex (bit 1.11)
The STA reads this bit to learn if the ICS1893 can support 10Base-T, half-duplex operations. The ISO/IEC
specification requires that the ICS1893 must set bit 1.11 to logic:
• Zero if it cannot support 10Base-T, half-duplex operations.
• One if it can support 10Base-T, half-duplex operations. (For the ICS1893, the default value of bit 1.11 is
logic one. Therefore, when an STA reads the Status Register, the STA is informed that the ICS1893
supports 10Base-T, half-duplex operations.)
Bit 1.11 of the ICS1893 Status Register is a Command Override Write bit., which allows an STA to alter the
default value of this bit. [See the description of bit 16.15, the Command Override Write Enable bit, in
Section 8.11, “Register 16: Extended Control Register”.]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com