Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1893 Datasheet(PDF) 80 Page - Integrated Circuit Systems

Part # ICS1893
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceiver?
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893 Datasheet(HTML) 80 Page - Integrated Circuit Systems

Back Button ICS1893_09 Datasheet HTML 76Page - Integrated Circuit Systems ICS1893_09 Datasheet HTML 77Page - Integrated Circuit Systems ICS1893_09 Datasheet HTML 78Page - Integrated Circuit Systems ICS1893_09 Datasheet HTML 79Page - Integrated Circuit Systems ICS1893_09 Datasheet HTML 80Page - Integrated Circuit Systems ICS1893_09 Datasheet HTML 81Page - Integrated Circuit Systems ICS1893_09 Datasheet HTML 82Page - Integrated Circuit Systems ICS1893_09 Datasheet HTML 83Page - Integrated Circuit Systems ICS1893_09 Datasheet HTML 84Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 152 page
background image
ICS1893 Rev C 6/6/00
June, 2000
80
Chapter 8
Management Register Set
ICS1893 Data Sheet - Release
Copyright © 2000, Integrated Circuit Systems, Inc.
All rights reserved.
8.7
Register 5: Auto-Negotiation Link Partner Ability Register
Table 8-12 lists the bits for the Auto-Negotiation Link Partner Ability Register. An STA uses this register to
determine the capabilities being advertised by the remote link partner. During the auto-negotiation process,
the ICS1893 advertises (that is, exchanges) the capability data with its remote link partner using a
pre-defined Link Code Word. The value of the Link Control Word received from its remote link partner
establishes the value of the bits in this register.
Note:
1.
For an explanation of acronyms used in Table 8-12, see Chapter 1, “Abbreviations and Acronyms”.
2.
The values in this register are valid only when the auto-negotiation process is complete, as indicated by
bit 1.5 or bit 17.4.
† As per the IEEE Std 802.3u, during any write operation to any bit in this register, the STA must write the default value
to all Reserved bits.
8.7.1
Next Page (bit 5.15)
If bit 5.15 is logic:
• Zero, then the remote link partner is indicating that this is the last page being transmitted.
• One, then the remote link partner is indicating that additional pages follow.
Table 8-12.
Auto-Negotiation Link Partner Ability Register (register 5 [0x05])
Bit
Definition
When Bit = 0
When Bit = 1
Ac-
cess
SF
De-
fault
Hex
5.15
Next Page
Next Page disabled
Next Page enabled
RO
–
0
0
5.14
Acknowledge
Always 0
N/A
RO
–
0
5.13
Remote fault
No faults detected
Remote fault detected
RO
–
0
5.12
IEEE reserved
Always 0
N/A
RO
–
0†
5.11
IEEE reserved
Always 0
N/A
RO
–
0†
0
5.10
IEEE reserved
Always 0
N/A
RO
–
0†
5.9
100Base-T4
Always 0. (Not supported.)
N/A
RO
–
0
5.8
100Base-TX, full duplex
Link partner is not capable
Link partner is capable
RO
–
0
5.7
100Base-TX, half duplex
Link partner is not capable
Link partner is capable
RO
–
0
0
5.6
10Base-T, full duplex
Link partner is not capable
Link partner is capable
RO
–
0
5.5
10Base-T, half duplex
Link partner is not capable
Link partner is capable
RO
–
0
5.4
Selector Field bit S4
IEEE 802.3 defined. Always 0. N/A
RO
–
0
5.3
Selector Field bit S3
IEEE 802.3 defined. Always 0. N/A
CW
–
0
0
5.2
Selector Field bit S2
IEEE 802.3 defined. Always 0. N/A
CW
–
0
5.1
Selector Field bit S1
IEEE 802.3 defined. Always 0. N/A
CW
–
0
5.0
Selector Field bit S0
N/A
IEEE 802.3 defined.
Always 1.
CW
–
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com