Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1893 Datasheet(PDF) 53 Page - Integrated Circuit Systems

Part # ICS1893
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceiver?
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893 Datasheet(HTML) 53 Page - Integrated Circuit Systems

Back Button ICS1893_09 Datasheet HTML 49Page - Integrated Circuit Systems ICS1893_09 Datasheet HTML 50Page - Integrated Circuit Systems ICS1893_09 Datasheet HTML 51Page - Integrated Circuit Systems ICS1893_09 Datasheet HTML 52Page - Integrated Circuit Systems ICS1893_09 Datasheet HTML 53Page - Integrated Circuit Systems ICS1893_09 Datasheet HTML 54Page - Integrated Circuit Systems ICS1893_09 Datasheet HTML 55Page - Integrated Circuit Systems ICS1893_09 Datasheet HTML 56Page - Integrated Circuit Systems ICS1893_09 Datasheet HTML 57Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 152 page
background image
Chapter 7
Functional Blocks
ICS1893 Rev C 6/6/00
June, 2000
53
ICS1893 - Release
Copyright © 2000, Integrated Circuit Systems, Inc.
All rights reserved.
Note:
1.
An ICS1893 receives ‘valid data’when its Twisted-Pair Receiver phase-locked loop can acquire lock
and extract the receive clock from the incoming data stream for a minimum of three consecutive bit
times.
2.
When a link is invalid and the Link Monitor Function detects the presence of data, the ICS1893 does
not transition the link to the valid state until after the reception of the present packet is complete.
3.
Enabling or disabling the Smart Squelch Function affects the Link Monitor function.
4.
A transition from the invalid state to the valid state does not automatically update the latching-low Link
Status bit.
7.5.6
10Base-T Operation: Smart Squelch
The Smart Squelch Function imposes more stringent requirements on the Link Monitor Function regarding
the definition of a valid link, thereby providing a level of insurance that spurious noise is not mistaken for a
valid link during cable installation.
An STA can control the execution of the ICS1893 Smart Squelch Function using bit 18.0 (the Smart
Squelch Inhibit bit in the 10Base-T Operations Register). When bit 18.0 is logic:
• Zero (the default), an ICS1893 enables its Smart Squelch Function. In this case, the Link Monitor must
confirm the presence of both data and a valid IDL at the end of the packet before declaring a link valid.
• One, an ICS1893 disables or inhibits its Smart Squelch Function. In this case, the Link Monitor does not
have to confirm the presence of an IDL to declare a link valid (that is, the reception of any data is
sufficient).
In 10Base-T mode, an ICS1893 appends an IDL to the end of each packet during data transmission. The
receiving PHY (that is, the remote link partner) sees this IDL and removes it from the data stream.
7.5.7
10Base-T Operation: Carrier Detection
The ICS1893 has a 10Base-T Carrier Detection Function that establishes the state of its Carrier Sense
signal (CRS), based upon the state of its Transmit and Receive state machines. These functions indicate
whether the ICS1893 is (1) transmitting data, (2) receiving data, or (3) in a collision state (that is, the
ICS1893 is both transmitting and receiving data on its twisted-pair medium, as defined in the ISO/IEC
8802-3 standard). When the ICS1893 is configured for:
• Half-duplex operations, the ICS1893 asserts its CRS signal when either transmitting or receiving data.
• Full-duplex operations (or when it is in Repeater mode), the ICS1893 asserts its CRS signal only when it
is receiving data.
7.5.8
10Base-T Operation: Collision Detection
The ICS1893 has a 10Base-T Collision Detection Function that establishes the state of its Collision
Detection signal (COL) based upon both (1) the state of its Receiver state machine and (2) the state of its
Transmit state machine. When the ICS1893 is operating in:
• Half-duplex mode, the ICS1893 asserts its COL signal to indicate it is receiving data while transmission
of data is also in progress.
• Full-duplex mode, the ICS1893 always sets its COL signal to FALSE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com