Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F6456GLFD Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # R5F6456GLFD
Description  RENESAS MCU
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F6456GLFD Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button R5F6456GLFD Datasheet HTML 35Page - Renesas Technology Corp R5F6456GLFD Datasheet HTML 36Page - Renesas Technology Corp R5F6456GLFD Datasheet HTML 37Page - Renesas Technology Corp R5F6456GLFD Datasheet HTML 38Page - Renesas Technology Corp R5F6456GLFD Datasheet HTML 39Page - Renesas Technology Corp R5F6456GLFD Datasheet HTML 40Page - Renesas Technology Corp R5F6456GLFD Datasheet HTML 41Page - Renesas Technology Corp R5F6456GLFD Datasheet HTML 42Page - Renesas Technology Corp R5F6456GLFD Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 118 page
background image
REJ03B0233-0102 Rev.1.02 Nov 30, 2009
Page 39 of 115
R32C/156 Group
4. Special Function Registers (SFRs)
Note:
1.
The status of protect bit of each block in flash memory is reflected.
Table 4.20
SFR List (20)
Address
Register
Symbol
Reset Value
040000h Flash Memory Control Register 0
FMR0
0X01 XX00b
040001h Flash Memory Status Register 0
FMSR0
1000 0000b
040002h
040003h
040004h
040005h
040006h
040007h
040008h Flash Register Protection Unlock Register 0
FPR0
00h
040009h Flash Memory Control Register 1
FMR1
0000 0010b
04000Ah Block Protect Bit Monitor Register 0
FBPM0
??X? ????b (1)
04000Bh Block Protect Bit Monitor Register 1
FBPM1
XXX? ????b (1)
04000Ch
04000Dh
04000Eh
04000Fh
040010h
040011h
040012h
040013h
040014h
040015h
040016h
040017h
040018h
040019h
04001Ah
04001Bh
04001Ch
04001Dh
04001Eh
04001Fh
040020h PLL Control Register 0
PLC0
0000 0001b
040021h PLL Control Register 1
PLC1
0001 1111b
040022h
040023h
040024h PLL Status Register
PLS
1XXX XX00b
040025h
040026h
040027h
040028h
040029h
04002Ah
04002Bh
04002Ch
04002Dh
04002Eh
04002Fh
X: Undefined
Blanks are reserved. No access is allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com