Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F6456GLFD Datasheet(PDF) 82 Page - Renesas Technology Corp

Part # R5F6456GLFD
Description  RENESAS MCU
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F6456GLFD Datasheet(HTML) 82 Page - Renesas Technology Corp

Back Button R5F6456GLFD Datasheet HTML 78Page - Renesas Technology Corp R5F6456GLFD Datasheet HTML 79Page - Renesas Technology Corp R5F6456GLFD Datasheet HTML 80Page - Renesas Technology Corp R5F6456GLFD Datasheet HTML 81Page - Renesas Technology Corp R5F6456GLFD Datasheet HTML 82Page - Renesas Technology Corp R5F6456GLFD Datasheet HTML 83Page - Renesas Technology Corp R5F6456GLFD Datasheet HTML 84Page - Renesas Technology Corp R5F6456GLFD Datasheet HTML 85Page - Renesas Technology Corp R5F6456GLFD Datasheet HTML 86Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 118 page
background image
REJ03B0233-0102 Rev.1.02 Nov 30, 2009
Page 82 of 115
R32C/156 Group
5. Electrical Characteristics
Note:
1.
The device is operationally guaranteed under these operating conditions.
Figure 5.1
Clock Cycle Time
Table 5.5
Operating Conditions (4/6)
(VCC = 3.0 to 5.5 V, VSS = 0 V, and Ta =Topr, unless otherwise noted) (1)
Symbol
Characteristic
Value
Unit
Min.
Typ.
Max.
f(XIN)
Main clock oscillator frequency
48
MHz
f(XRef)
Reference clock frequency
24
MHz
f(PLL)
PLL clock oscillator frequency
96
144
MHz
f(Base)
Base clock frequency
64
MHz
tc(Base)
Base clock cycle time
15.625
ns
f(CPU)
CPU operating frequency
64
MHz
tc(CPU)
CPU clock cycle time
15.625
ns
f(BCLK)
Peripheral bus clock operating frequency
32
MHz
tc(BCLK)
Peripheral bus clock cycle time
31.25
ns
f(PER)
Peripheral clock source frequency
32
MHz
f(XCIN)
Sub clock oscillator frequency
32.768
50
kHz
Base clock
(Internal signal)
t c(Base)
Peripheral bus clock
(Internal signal)
t c(BCLK)
CPU clock
(Internal signal)
t c(CPU)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com