Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F6456GLFD Datasheet(PDF) 97 Page - Renesas Technology Corp

Part # R5F6456GLFD
Description  RENESAS MCU
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F6456GLFD Datasheet(HTML) 97 Page - Renesas Technology Corp

Back Button R5F6456GLFD Datasheet HTML 93Page - Renesas Technology Corp R5F6456GLFD Datasheet HTML 94Page - Renesas Technology Corp R5F6456GLFD Datasheet HTML 95Page - Renesas Technology Corp R5F6456GLFD Datasheet HTML 96Page - Renesas Technology Corp R5F6456GLFD Datasheet HTML 97Page - Renesas Technology Corp R5F6456GLFD Datasheet HTML 98Page - Renesas Technology Corp R5F6456GLFD Datasheet HTML 99Page - Renesas Technology Corp R5F6456GLFD Datasheet HTML 100Page - Renesas Technology Corp R5F6456GLFD Datasheet HTML 101Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 118 page
background image
REJ03B0233-0102 Rev.1.02 Nov 30, 2009
Page 97 of 115
R32C/156 Group
5. Electrical Characteristics
VCC =5V
Timing Requirements (VCC = 4.2 to 5.5 V, VSS = 0 V, and Ta =Topr, unless otherwise noted)
Table 5.27
Timer B Input (Counting input in event counter mode)
Symbol
Characteristic
Value
Unit
Min.
Max.
tc(TB)
TBiIN input clock period (one edge counting)
200
ns
tw(TBH)
TBiIN input high level pulse width (one edge counting)
80
ns
tw(TBL)
TBiIN input low level pulse width (one edge counting)
80
ns
tc(TB)
TBiIN input clock period (both edges counting)
200
ns
tw(TBH)
TBiIN input high level pulse width (both edges counting)
80
ns
tw(TBL)
TBiIN input low level pulse width (both edges counting)
80
ns
Table 5.28
Timer B Input (Pulse period measure mode)
Symbol
Characteristic
Value
Unit
Min.
Max.
tc(TB)
TBiIN input clock period
400
ns
tw(TBH)
TBiIN input high level pulse width
180
ns
tw(TBL)
TBiIN input low level pulse width
180
ns
Table 5.29
Timer B Input (Pulse-width measure mode)
Symbol
Characteristic
Value
Unit
Min.
Max.
tc(TB)
TBiIN input clock period
400
ns
tw(TBH)
TBiIN input high level pulse width
180
ns
tw(TBL)
TBiIN input low level pulse width
180
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com