Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F6456GLFD Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # R5F6456GLFD
Description  RENESAS MCU
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F6456GLFD Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button R5F6456GLFD Datasheet HTML 28Page - Renesas Technology Corp R5F6456GLFD Datasheet HTML 29Page - Renesas Technology Corp R5F6456GLFD Datasheet HTML 30Page - Renesas Technology Corp R5F6456GLFD Datasheet HTML 31Page - Renesas Technology Corp R5F6456GLFD Datasheet HTML 32Page - Renesas Technology Corp R5F6456GLFD Datasheet HTML 33Page - Renesas Technology Corp R5F6456GLFD Datasheet HTML 34Page - Renesas Technology Corp R5F6456GLFD Datasheet HTML 35Page - Renesas Technology Corp R5F6456GLFD Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 118 page
background image
REJ03B0233-0102 Rev.1.02 Nov 30, 2009
Page 32 of 115
R32C/156 Group
4. Special Function Registers (SFRs)
Table 4.13
SFR List (13)
Address
Register
Symbol
Reset Value
000270h to
0002BFh
0002C0h X0 Register/Y0 Register
X0R/Y0R
XXXXh
0002C1h
0002C2h X1 Register/Y1 Register
X1R/Y1R
XXXXh
0002C3h
0002C4h X2 Register/Y2 Register
X2R/Y2R
XXXXh
0002C5h
0002C6h X3 Register/Y3 Register
X3R/Y3R
XXXXh
0002C7h
0002C8h X4 Register/Y4 Register
X4R/Y4R
XXXXh
0002C9h
0002CAh X5 Register/Y5 Register
X5R/Y5R
XXXXh
0002CBh
0002CCh X6 Register/Y6 Register
X6R/Y6R
XXXXh
0002CDh
0002CEh X7 Register/Y7 Register
X7R/Y7R
XXXXh
0002CFh
0002D0h X8 Register/Y8 Register
X8R/Y8R
XXXXh
0002D1h
0002D2h X9 Register/Y9 Register
X9R/Y9R
XXXXh
0002D3h
0002D4h X10 Register/Y10 Register
X10R/Y10R
XXXXh
0002D5h
0002D6h X11 Register/Y11 Register
X11R/Y11R
XXXXh
0002D7h
0002D8h X12 Register/Y12 Register
X12R/Y12R
XXXXh
0002D9h
0002DAh X13 Register/Y13 Register
X13R/Y13R
XXXXh
0002DBh
0002DCh X14 Register/Y14 Register
X14R/Y14R
XXXXh
0002DDh
0002DEh X15 Register/Y15 Register
X15R/Y15R
XXXXh
0002DFh
0002E0h XY Control Register
XYC
XXXX XX00b
0002E1h
0002E2h
0002E3h
0002E4h UART1 Special Mode Register 4
U1SMR4
00h
0002E5h UART1 Special Mode Register 3
U1SMR3
00h
0002E6h UART1 Special Mode Register 2
U1SMR2
00h
0002E7h UART1 Special Mode Register
U1SMR
00h
0002E8h UART1 Transmit/Receive Mode Register
U1MR
00h
0002E9h UART1 Bit Rate Register
U1BRG
XXh
0002EAh UART1 Transmit Buffer Register
U1TB
XXXXh
0002EBh
0002ECh UART1 Transmit/Receive Control Register 0
U1C0
0000 1000b
0002EDh UART1 Transmit/Receive Control Register 1
U1C1
0000 0010b
0002EEh UART1 Receive Buffer Register
U1RB
XXXXh
0002EFh
X: Undefined
Blanks are reserved. No access is allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com