Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F6456GLFD Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # R5F6456GLFD
Description  RENESAS MCU
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F6456GLFD Datasheet(HTML) 2 Page - Renesas Technology Corp

  R5F6456GLFD Datasheet HTML 1Page - Renesas Technology Corp R5F6456GLFD Datasheet HTML 2Page - Renesas Technology Corp R5F6456GLFD Datasheet HTML 3Page - Renesas Technology Corp R5F6456GLFD Datasheet HTML 4Page - Renesas Technology Corp R5F6456GLFD Datasheet HTML 5Page - Renesas Technology Corp R5F6456GLFD Datasheet HTML 6Page - Renesas Technology Corp R5F6456GLFD Datasheet HTML 7Page - Renesas Technology Corp R5F6456GLFD Datasheet HTML 8Page - Renesas Technology Corp R5F6456GLFD Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 118 page
background image
REJ03B0233-0102 Rev.1.02 Nov 30, 2009
Page 2 of 115
R32C/156 Group
1. Overview
1.1.2
Performance Overview
Table 1.1 and Table 1.2 show the performance overview of the R32C/156 Group.
Notes:
1.
Please contact a Renesas sales office to use the non-E2dataFlash version.
2.
Please contact a Renesas sales office to use the optional feature.
Table 1.1
R32C/156 Group Performance (1/2)
Unit
Function
Performance
CPU
Central processing
unit
R32C/100 Series CPU Core
• Basic instructions: 108
• Minimum instruction execution time: 15.625 ns (f(CPU) = 64 MHz)
• Multiplier: 32-bit × 32-bit
64-bit
• Multiply-accumulate unit: 32-bit × 32-bit + 64-bit
64-bit
• IEEE-754 floating point standard: Single precision
• 32-bit barrel shifter
• Operating mode: Single-chip mode
Memory
Flash memory: 256/384/512 Kbytes
RAM: 20/24/32 Kbytes
Data flash: 4 Kbytes × 2 blocks
E2dataFlash: none (1)/4 Kbytes
Refer to Table 1.3 for details
Voltage
Detector
Low voltage
detector
Optional (2)
Low voltage detection interrupt
Clock
Clock generator
• 4 circuits (main clock, sub clock, PLL, on-chip oscillator)
• Oscillation stop detector: Main clock oscillator stop/re-oscillation
detection
• Frequency divide circuit: Divide-by-2 to divide-by-24 selectable
• Low power modes: Wait mode, stop mode
Interrupts
Interrupt vectors: 261
External interrupt inputs:
NMI, INT × 9, key input × 4
Interrupt priority levels: 7 levels
Watchdog Timer
15 bits × 1 (selectable input frequency from prescaler output)
Automatic timer start function is available
DMA
DMAC
4 channels
• Cycle-steal transfer mode
• Request sources: 52
• 2 transfer modes: Single transfer, repeat transfer
DMAC II
• Can be activated by any peripheral interrupt source
• 3 transfer functions: Immediate data transfer, calculation transfer,
chained transfer
I/O Ports
Programmable I/O
ports
• 2 input-only ports
• 120 CMOS inputs/outputs
• A pull-up resistor is selectable for every 4 input ports
Timer
Timer A
16-bit timer × 5
Timer mode, event counter mode, one-shot timer mode, pulse-width
modulation (PWM) mode
Two-phase pulse signal processing in event counter mode (two-
phase encoder input) × 3
Timer B
16-bit timer × 6
Timer mode, event counter mode, pulse frequency measurement
mode, pulse-width measurement mode
Three-phase motor
control timer
Three-phase motor control timer × 1 (timers A1, A2, A4, and B2 used)
8-bit programmable dead time timer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com