Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F6456GLFD Datasheet(PDF) 85 Page - Renesas Technology Corp

Part # R5F6456GLFD
Description  RENESAS MCU
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F6456GLFD Datasheet(HTML) 85 Page - Renesas Technology Corp

Back Button R5F6456GLFD Datasheet HTML 81Page - Renesas Technology Corp R5F6456GLFD Datasheet HTML 82Page - Renesas Technology Corp R5F6456GLFD Datasheet HTML 83Page - Renesas Technology Corp R5F6456GLFD Datasheet HTML 84Page - Renesas Technology Corp R5F6456GLFD Datasheet HTML 85Page - Renesas Technology Corp R5F6456GLFD Datasheet HTML 86Page - Renesas Technology Corp R5F6456GLFD Datasheet HTML 87Page - Renesas Technology Corp R5F6456GLFD Datasheet HTML 88Page - Renesas Technology Corp R5F6456GLFD Datasheet HTML 89Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 118 page
background image
REJ03B0233-0102 Rev.1.02 Nov 30, 2009
Page 85 of 115
R32C/156 Group
5. Electrical Characteristics
Notes:
1.
Program/erase definition
This value represents the number of erasures per block.
If the flash memory is programmed/erased n times, each block can be erased n times.
i.e. If 4-word write is performed in 512 different addresses in the block A of 4 Kbyte and then the
block is erased, it is considered the programming/erasure is performed just once.
However a write in the same address more than once for one erasure is disabled. (overwrite
disabled).
2.
The data retention time includes the periods when the supply voltage is not applied and no clock is
provided.
3.
This data retention includes 3000 hours in Ta = 125°C and 7000 hours in Ta = 85°C.
4.
Please contact a Renesas sales office regarding data retention time other than the above.
Table 5.8
Flash Memory Electrical Characteristics
(VCC = 3.0 to 5.5 V, VSS =0V, and Ta =Topr, unless otherwise noted)
Symbol
Characteristic
Value
Unit
Min.
Typ.
Max.
—
Programming and erasure endurance of flash
memory (1)
Program area
1000
times
Data area
10000
times
—
4-word program time
Program area
150
900
µs
Data area
300
1700
µs
—
Lock bit-program time
Program area
70
500
µs
Data area
140
1000
µs
—
Block erasure time
4 Kbyte block
0.12
3.0
s
32 Kbyte block
0.17
3.0
s
64 Kbyte block
0.20
3.0
s
—
Data retention (2)
Ta = 55°C (3, 4)
20
years



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com