Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny261-ESXZ Datasheet(PDF) 172 Page - ATMEL Corporation

Part # ATtiny261-ESXZ
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny261-ESXZ Datasheet(HTML) 172 Page - ATMEL Corporation

Back Button ATtiny261-ESXZ Datasheet HTML 168Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 169Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 170Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 171Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 172Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 173Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 174Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 175Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 176Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 227 page
background image
172
7753C–AVR–07/09
ATtiny261/ATtiny461/ATtiny861
22.2
Fuse Bytes
The ATtiny261/461/861 has three Fuse bytes. Table 22-3, Table 22-4 and Table 22-5 describe
briefly the functionality of all the fuses and how they are mapped into the Fuse bytes. Note that
the fuses are read as logical zero, “0”, if they are programmed.
Notes:
1. See “Alternate Functions of Port B” on page 63 for description of RSTDISBL and DWEN
Fuses.
2. DWEN must be unprogrammed when Lock Bit security is required. See “Program And Data
Memory Lock Bits” on page 171.
3. The SPIEN Fuse is not accessible in SPI Programming mode.
4. See “WDTCR – Watchdog Timer Control Register” on page 46 for details.
5. See Table 23-4 on page 190 for BODLEVEL Fuse decoding.
6. When programming the RSTDISBL Fuse, High-voltage Serial programming has to be used to
change fuses to perform further programming.
Table 22-3.
Fuse Extended Byte
Fuse High Byte
Bit No
Description
Default Value
7
-
1 (unprogrammed)
6
-
1 (unprogrammed)
5
-
1 (unprogrammed)
4
-
1 (unprogrammed)
3
-
1 (unprogrammed)
2
-
1 (unprogrammed)
1
-
1 (unprogrammed)
SELFPRGEN
0
Self-Programming Enable
1 (unprogrammed)
Table 22-4.
Fuse High Byte
Fuse High Byte
Bit No
Description
Default Value
RSTDISBL(1)
7
External Reset disable
1 (unprogrammed)
DWEN(2)
6
DebugWIRE Enable
1 (unprogrammed)
SPIEN(3)
6
Enable Serial Program and Data
Downloading
0 (programmed, SPI prog.
enabled)
WDTON(4)
4
Watchdog Timer always on
1 (unprogrammed)
EESAVE
3
EEPROM memory is preserved
through the Chip Erase
1 (unprogrammed, EEPROM
not preserved)
BODLEVEL2(5)
2
Brown-out Detector trigger level
1 (unprogrammed)
BODLEVEL1(5)
1
Brown-out Detector trigger level
1 (unprogrammed)
BODLEVEL0(5)
0
Brown-out Detector trigger level
1 (unprogrammed)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com