Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny261-ESXZ Datasheet(PDF) 175 Page - ATMEL Corporation

Part # ATtiny261-ESXZ
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny261-ESXZ Datasheet(HTML) 175 Page - ATMEL Corporation

Back Button ATtiny261-ESXZ Datasheet HTML 171Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 172Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 173Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 174Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 175Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 176Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 177Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 178Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 179Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 227 page
background image
175
7753C–AVR–07/09
ATtiny261/ATtiny461/ATtiny861
Figure 22-1. Parallel Programming
Table 22-9.
Pin Name Mapping
Signal Name in
Programming Mode
Pin Name
I/O
Function
WR
PB0
I
Write Pulse (Active low).
XA0
PB1
I
XTAL Action Bit 0
XA1/BS2
PB2
I
XTAL Action Bit 1. Byte Select 2 (“0” selects low byte, “1”
selects 2’nd high byte).
PAGEL/BS1
PB3
I
Byte Select 1 (“0” selects low byte, “1” selects high byte).
Program Memory and EEPROM Data Page Load.
OE
PB5
I
Output Enable (Active low).
RDY/BSY
PB6
O
0: Device is busy programming, 1: Device is ready for new
command.
DATA I/O
PA7-PA0
I/O
Bi-directional Data bus (Output when OE is low).
Table 22-10. Pin Values Used to Enter Programming Mode
Pin
Symbol
Value
PAGEL/BS1
Prog_enable[3]
0
XA1/BS2
Prog_enable[2]
0
XA0
Prog_enable[1]
0
WR
Prog_enable[0]
0
Table 22-11. XA1 and XA0 Coding
XA1
XA0
Action when XTAL1 is Pulsed
0
0
Load Flash or EEPROM Address (High or low address byte determined by BS1).
0
1
Load Data (High or Low data byte for Flash determined by BS1).
1
0
Load Command
1
1
No Action, Idle
VCC
+5V
GND
XTAL1/PB4
PB6
PB5
PB0
PB3
PB1
PB2
PA7 - PA0
DATA
RESET
+12 V
PAGEL/BS1
XA0
XA1/BS2
OE
RDY/BSY
WR
AVCC
+5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com