Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny84 Datasheet(PDF) 177 Page - ATMEL Corporation

Part # ATtiny84
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny84 Datasheet(HTML) 177 Page - ATMEL Corporation

Back Button ATtiny84 Datasheet HTML 173Page - ATMEL Corporation ATtiny84 Datasheet HTML 174Page - ATMEL Corporation ATtiny84 Datasheet HTML 175Page - ATMEL Corporation ATtiny84 Datasheet HTML 176Page - ATMEL Corporation ATtiny84 Datasheet HTML 177Page - ATMEL Corporation ATtiny84 Datasheet HTML 178Page - ATMEL Corporation ATtiny84 Datasheet HTML 179Page - ATMEL Corporation ATtiny84 Datasheet HTML 180Page - ATMEL Corporation ATtiny84 Datasheet HTML 181Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 236 page
background image
177
8006H–AVR–10/09
ATtiny24/44/84
20.4.2
External Clock Drive
Figure 20-3. External Clock Drive Waveform
20.5
System and Reset Characteristics
Note:
1. Values are guidelines, only
VIL1
VIH1
Table 20-3.
External Clock Drive Characteristics
Symbol
Parameter
VCC = 1.8 - 5.5V
VCC = 2.7 - 5.5V
VCC = 4.5 - 5.5V
Units
Min.
Max.
Min.
Max.
Min.
Max.
1/tCLCL
Clock Frequency
0
4
0
10
0
20
MHz
tCLCL
Clock Period
250
100
50
ns
tCHCX
High Time
100
40
20
ns
tCLCX
Low Time
100
40
20
ns
tCLCH
Rise Time
2.0
1.6
0.5
μs
tCHCL
Fall Time
2.0
1.6
0.5
μs
Δt
CLCL
Change in period from one clock cycle to the next
2
2
2
%
Table 20-4.
Reset, Brown-out, and Internal Voltage Characteristics
Symbol
Parameter
Condition
Min
(1)
Typ
(1)
Max
(1)
Units
VRST
RESET Pin Threshold Voltage
0.2 VCC
0.9VCC
V
tRST
Minimum pulse width on RESET
Pin
V
CC = 1.8V
VCC = 3V
VCC = 5V
2000
700
400
ns
V
HYST
Brown-out Detector Hysteresis
50
mV
t
BOD
Min Pulse Width on
Brown-out Reset
2µs
VBG
Internal bandgap reference
voltage
V
CC = 5V
TA = 25°C
1.0
1.1
1.2
V
tBG
Internal bandgap reference
start-up time
V
CC = 5V
T
A = 25°C
40
70
µs
IBG
Internal bandgap reference
current consumption
VCC = 5V
T
A = 25°C
15
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com