Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny84 Datasheet(PDF) 178 Page - ATMEL Corporation

Part # ATtiny84
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny84 Datasheet(HTML) 178 Page - ATMEL Corporation

Back Button ATtiny84 Datasheet HTML 174Page - ATMEL Corporation ATtiny84 Datasheet HTML 175Page - ATMEL Corporation ATtiny84 Datasheet HTML 176Page - ATMEL Corporation ATtiny84 Datasheet HTML 177Page - ATMEL Corporation ATtiny84 Datasheet HTML 178Page - ATMEL Corporation ATtiny84 Datasheet HTML 179Page - ATMEL Corporation ATtiny84 Datasheet HTML 180Page - ATMEL Corporation ATtiny84 Datasheet HTML 181Page - ATMEL Corporation ATtiny84 Datasheet HTML 182Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 236 page
background image
178
8006H–AVR–10/09
ATtiny24/44/84
Two versions of power-on reset have been implemented, as follows.
20.5.1
Standard Power-On Reset
This implementation of power-on reset existed in early versions of ATtiny24/44/84. The table
below describes the characteristics of this power-on reset and it is valid for the following devices,
only:
• ATtiny24, revision D, and older
• ATtiny44, revision C, and older
• ATtiny84, revision A
Note:
Revisions are marked on the package (packages 14P3 and 14S1: bottom, package 20M1: top)
Note:
1. Values are guidelines, only
2. Threshold where device is released from reset when voltage is rising
3. The power-on reset will not work unless the supply voltage has been below VPOA
20.5.2
Enhanced Power-On Reset
This implementation of power-on reset exists in newer versions of ATtiny24/44/84. The table
below describes the characteristics of this power-on reset and it is valid for the following devices,
only:
• ATtiny24, revision E, and newer
• ATtiny44, revision D, and newer
• ATtiny84, revision B, and newer
Note:
1. Values are guidelines, only
2. Threshold where device is released from reset when voltage is rising
3. The Power-on Reset will not work unless the supply voltage has been below VPOA
Table 20-5.
Characteristics of Standard Power-On Reset. T
A = -40 - 85°C
Symbol
Parameter
Min
(1)
Typ
(1)
Max
(1)
Units
VPOR
Release threshold of power-on reset (2)
0.7
1.0
1.4
V
VPOA
Activation threshold of power-on reset (3)
0.05
0.9
1.3
V
SRON
Power-on slope rate
0.01
4.5
V/ms
Table 20-6.
Characteristics of Enhanced Power-On Reset. T
A = -40 - 85°C
Symbol
Parameter
Min
(1)
Typ
(1)
Max
(1)
Units
VPOR
Release threshold of power-on reset (2)
1.1
1.4
1.6
V
VPOA
Activation threshold of power-on reset (3)
0.6
1.3
1.6
V
SRON
Power-On Slope Rate
0.01
V/ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com