Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny48-MMH Datasheet(PDF) 63 Page - ATMEL Corporation

Part # ATtiny48-MMH
Description  8-bit Microcontroller with 4/8K Bytes In-System Programmable Flash
PDF  266 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny48-MMH Datasheet(HTML) 63 Page - ATMEL Corporation

Back Button ATtiny48-MMH Datasheet HTML 59Page - ATMEL Corporation ATtiny48-MMH Datasheet HTML 60Page - ATMEL Corporation ATtiny48-MMH Datasheet HTML 61Page - ATMEL Corporation ATtiny48-MMH Datasheet HTML 62Page - ATMEL Corporation ATtiny48-MMH Datasheet HTML 63Page - ATMEL Corporation ATtiny48-MMH Datasheet HTML 64Page - ATMEL Corporation ATtiny48-MMH Datasheet HTML 65Page - ATMEL Corporation ATtiny48-MMH Datasheet HTML 66Page - ATMEL Corporation ATtiny48-MMH Datasheet HTML 67Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 266 page
background image
63
8008C–AVR–03/09
ATtiny48/88
10.3.1
Alternate Functions of Port A
The Port A pins with alternate functions are shown in Table 10-3.
The alternate pin configuration is as follows:
• PCINT27 – Port A, Bit 3
PCINT27: Pin Change Interrupt source 27.
• PCINT26 – Port A, Bit 2
PCINT26: Pin Change Interrupt source 26.
• ADC7/PCINT25 – Port A, Bit 1
ADC7: PA1 can be used as ADC input Channel 7.
PCINT25: Pin Change Interrupt source 25.
• ADC6/PCINT24 – Port A, Bit 0
ADC6: PA0 can be used as ADC input Channel 6.
PCINT24: Pin Change Interrupt source 24.
Table 10-4 relate the alternate functions of Port A to the overriding signals shown in Figure 10-6
on page 61.
Table 10-3.
Port A Pins Alternate Functions
Port Pin
Alternate Function
PA3
PCINT27 (Pin Change Interrupt 27)
PA2
PCINT26 (Pin Change Interrupt 26)
PA1
ADC7 (ADC Input Channel 7)
PCINT25 (Pin Change Interrupt 25)
PA0
ADC6 (ADC Input Channel 6)
PCINT24 (Pin Change Interrupt 24)
Table 10-4.
Overriding Signals for Alternate Functions in PA3..PA0
Signal Name
PA3/PCINT27
PA2/PCINT26
PA1/ADC7/PCINT25
PA0/ADC6/PCINT24
PUOE
0
0
0
0
PUO
0
0
0
0
DDOE
0
0
0
0
DDOV
0
0
0
0
PVOE
0
0
0
0
PVOV
0
0
0
0
DIEOE
PCINT27 •
PCIE3
PCINT26 •
PCIE3
PCINT25 • PCIE3 +
ADC7D
PCINT24 • PCIE3 +
ADC6D
DIEOV
1
1
1
1
DI
PCINT27 INPUT
PCINT26 INPUT
PCINT25 INPUT
PCINT24 INPUT
AIO
–
–
ADC7 INPUT
ADC6 INPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com