Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny48-MMH Datasheet(PDF) 75 Page - ATMEL Corporation

Part # ATtiny48-MMH
Description  8-bit Microcontroller with 4/8K Bytes In-System Programmable Flash
PDF  266 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny48-MMH Datasheet(HTML) 75 Page - ATMEL Corporation

Back Button ATtiny48-MMH Datasheet HTML 71Page - ATMEL Corporation ATtiny48-MMH Datasheet HTML 72Page - ATMEL Corporation ATtiny48-MMH Datasheet HTML 73Page - ATMEL Corporation ATtiny48-MMH Datasheet HTML 74Page - ATMEL Corporation ATtiny48-MMH Datasheet HTML 75Page - ATMEL Corporation ATtiny48-MMH Datasheet HTML 76Page - ATMEL Corporation ATtiny48-MMH Datasheet HTML 77Page - ATMEL Corporation ATtiny48-MMH Datasheet HTML 78Page - ATMEL Corporation ATtiny48-MMH Datasheet HTML 79Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 266 page
background image
75
8008C–AVR–03/09
ATtiny48/88
11. 8-bit Timer/Counter0
11.1
Features
• Two Independent Output Compare Units
• Clear Timer on Compare Match (Auto Reload)
• Three Independent Interrupt Sources (TOV0, OCF0A, and OCF0B)
11.2
Overview
Timer/Counter0 is a general purpose 8-bit Timer/Counter module, with two independent Output
Compare Units. It allows accurate program execution timing (event management). A simplified
block diagram of the 8-bit Timer/Counter is shown in Figure 11-1. For the actual placement of
I/O pins, refer to “Pinout of ATtiny48/88” on page 2. CPU accessible I/O Registers, including I/O
bits and I/O pins, are shown in bold. The device-specific I/O Register and bit locations are listed
in the “8-bit Timer/Counter Register Description” on page 80.
The PRTIM0 bit in “PRR – Power Reduction Register” on page 37 must be written to zero to
enable Timer/Counter0 module.
Figure 11-1. 8-bit Timer/Counter Block Diagram
11.2.1
Definitions
Many register and bit references in this section are written in general form, where a lower case
“n” replaces the Timer/Counter number (in this case 0) and a lower case “x” replaces the Output
Compare Unit (in this case Compare Unit A or Compare Unit B). However, when using the regis-
Clock Select
Timer/Counter
OCRnA
OCRnB
=
=
TCNTn
=
Fixed
TOP
Value
Control Logic
TOP
Count
Clear
TOVn
(Int.Req.)
OCnA (Int. Req.)
OCnB (Int. Req.)
TCCRnA
Tn
Edge
Detector
( From Prescaler )
clk
Tn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com