Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny48-MMH Datasheet(PDF) 80 Page - ATMEL Corporation

Part # ATtiny48-MMH
Description  8-bit Microcontroller with 4/8K Bytes In-System Programmable Flash
PDF  266 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny48-MMH Datasheet(HTML) 80 Page - ATMEL Corporation

Back Button ATtiny48-MMH Datasheet HTML 76Page - ATMEL Corporation ATtiny48-MMH Datasheet HTML 77Page - ATMEL Corporation ATtiny48-MMH Datasheet HTML 78Page - ATMEL Corporation ATtiny48-MMH Datasheet HTML 79Page - ATMEL Corporation ATtiny48-MMH Datasheet HTML 80Page - ATMEL Corporation ATtiny48-MMH Datasheet HTML 81Page - ATMEL Corporation ATtiny48-MMH Datasheet HTML 82Page - ATMEL Corporation ATtiny48-MMH Datasheet HTML 83Page - ATMEL Corporation ATtiny48-MMH Datasheet HTML 84Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 266 page
background image
80
8008C–AVR–03/09
ATtiny48/88
Figure 11-7. Timer/Counter Timing Diagram, Setting of OCF0x, with Prescaler (f
clk_I/O/8)
Figure 11-8 shows the setting of OCF0A and the clearing of TCNT0 in CTC mode where OCR0A
is TOP.
Figure 11-8. Timer/Counter Timing Diagram, Clear Timer on Compare Match mode, with Pres-
caler (f
clk_I/O/8)
11.8
8-bit Timer/Counter Register Description
11.8.1
TCCR0A – Timer/Counter Control Register A–
• Bits 7:4 – Res: Reserved Bits
These bits are reserved and will always read zero.
• Bit 3 – CTC0: Clear Timer on Compare Match Mode
This bit control the counting sequence of the counter, the source for maximum (TOP) counter
value, see Table 11-2. Modes of operation supported by the Timer/Counter unit are: Normal
mode (counter), Clear Timer on Compare Match (CTC) mode (see “Modes of Operation” on
page 78).
OCFnx
OCRnx
TCNTn
OCRnx Value
OCRnx - 1
OCRnx
OCRnx + 1
OCRnx + 2
clk
I/O
clk
Tn
(clk
I/O/8)
OCFnx
OCRnx
TCNTn
(CTC)
TOP
TOP - 1
TOP
BOTTOM
BOTTOM + 1
clk
I/O
clk
Tn
(clk
I/O/8)
Bit
7
6
5
4
3
2
1
0
-
-
–
–
CTC0
CS02
CS01
CS00
TCCR0A
Read/Write
R
R
R
R
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com