Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny48-MMH Datasheet(PDF) 29 Page - ATMEL Corporation

Part # ATtiny48-MMH
Description  8-bit Microcontroller with 4/8K Bytes In-System Programmable Flash
PDF  266 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny48-MMH Datasheet(HTML) 29 Page - ATMEL Corporation

Back Button ATtiny48-MMH Datasheet HTML 25Page - ATMEL Corporation ATtiny48-MMH Datasheet HTML 26Page - ATMEL Corporation ATtiny48-MMH Datasheet HTML 27Page - ATMEL Corporation ATtiny48-MMH Datasheet HTML 28Page - ATMEL Corporation ATtiny48-MMH Datasheet HTML 29Page - ATMEL Corporation ATtiny48-MMH Datasheet HTML 30Page - ATMEL Corporation ATtiny48-MMH Datasheet HTML 31Page - ATMEL Corporation ATtiny48-MMH Datasheet HTML 32Page - ATMEL Corporation ATtiny48-MMH Datasheet HTML 33Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 266 page
background image
29
8008C–AVR–03/09
ATtiny48/88
When this clock source is selected, start-up times are determined by the SUT Fuses as shown in
Table 6-6.
Note:
1. If the RSTDISBL fuse is programmed, this start-up time will be increased to 14CK + 4 ms to
ensure programming mode can be entered.
6.5
External Clock
To drive the device from an external clock source, CLKI should be driven as shown in Figure 6-2
on page 29. To run the device on an external clock, the CKSEL Fuses must be programmed to
“00” (see Table 6-7).
Figure 6-2.
External Clock Drive Configuration
When this clock source is selected, start-up times are determined by the SUT Fuses as shown in
Table 6-8.
Table 6-6.
Start-up Times for the 128 kHz Internal Oscillator
SUT1..0
Power Conditions
Start-up Time
from Power-down
Additional Delay
from Reset
00
BOD enabled
6 CK
14CK(1)
01
Fast rising power
6 CK
14CK + 4 ms
10
Slowly rising power
6 CK
14CK + 64 ms
11
Reserved
Table 6-7.
Selecting External Clock
CKSEL1..0
Frequency
00
0
– 12 MHz
Table 6-8.
Start-up Times for the External Clock Selection
SUT1..0
Power Conditions
Start-up Time
from Power-down
Additional Delay
from Reset (V
CC = 5.0V)
00
BOD enabled
6 CK
14CK
EXTERNAL
CLOCK
SIGNAL
CLKI
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com