Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny48-MMH Datasheet(PDF) 26 Page - ATMEL Corporation

Part # ATtiny48-MMH
Description  8-bit Microcontroller with 4/8K Bytes In-System Programmable Flash
PDF  266 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny48-MMH Datasheet(HTML) 26 Page - ATMEL Corporation

Back Button ATtiny48-MMH Datasheet HTML 22Page - ATMEL Corporation ATtiny48-MMH Datasheet HTML 23Page - ATMEL Corporation ATtiny48-MMH Datasheet HTML 24Page - ATMEL Corporation ATtiny48-MMH Datasheet HTML 25Page - ATMEL Corporation ATtiny48-MMH Datasheet HTML 26Page - ATMEL Corporation ATtiny48-MMH Datasheet HTML 27Page - ATMEL Corporation ATtiny48-MMH Datasheet HTML 28Page - ATMEL Corporation ATtiny48-MMH Datasheet HTML 29Page - ATMEL Corporation ATtiny48-MMH Datasheet HTML 30Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 266 page
background image
26
8008C–AVR–03/09
ATtiny48/88
6.1.4
Analog to Digital Converter Clock – clk
ADC
The ADC is provided with a dedicated clock domain. This allows halting the CPU and I/O clocks
in order to reduce noise generated by digital circuitry. This gives more accurate ADC conversion
results.
6.1.5
High-Speed Two-Wire Interface Clock – clk
TWIHS
The TWI clock controls the operation of the Two-Wire Interface module, when operated in high-
speed mode. In practice, this clock is identical to the source clock of the device. See “Bit Rate
Generator Unit” on page 130.
6.2
Clock Sources
The device has the following clock source options, selectable by Flash Fuse bits as shown
below. The clock from the selected source is input to the AVR clock generator, and routed to the
appropriate modules.
Note:
1. For all fuses “1” means unprogrammed while “0” means programmed.
6.2.1
Default Clock Source
The device is shipped with internal oscillator at 8.0 MHz and with the fuse CKDIV8 programmed,
resulting in 1.0 MHz system clock. The startup time is set to maximum and time-out period
enabled (CKSEL = 0b10, SUT = 0b10, CKDIV8 = 0). The default setting ensures that all users
can make their desired clock source setting using any available programming interface.
6.2.2
Clock Startup Sequence
Any clock source needs a sufficient V
CC to start oscillating and a minimum number of oscillating
cycles before it can be considered stable.
To ensure sufficient V
CC, the device issues an internal reset with a time-out delay (tTOUT) after
the device reset is released by all other reset sources. “System Control and Reset” on page 39
describes the start conditions for the internal reset. The delay (t
TOUT) is timed from the Watchdog
oscillator and the number of cycles in the delay is set by the SUTx and CKSELx fuse bits. The
selectable delays are shown in Table 6-2. The frequency of the Watchdog oscillator is voltage
Table 6-1.
Device Clocking Options
(1)
CKSEL1..0
Device Clocking Option
00
External Clock
01
Reserved
10
Calibrated Internal Oscillator
11
Internal 128 kHz Oscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com