Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny48-MMH Datasheet(PDF) 22 Page - ATMEL Corporation

Part # ATtiny48-MMH
Description  8-bit Microcontroller with 4/8K Bytes In-System Programmable Flash
PDF  266 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny48-MMH Datasheet(HTML) 22 Page - ATMEL Corporation

Back Button ATtiny48-MMH Datasheet HTML 18Page - ATMEL Corporation ATtiny48-MMH Datasheet HTML 19Page - ATMEL Corporation ATtiny48-MMH Datasheet HTML 20Page - ATMEL Corporation ATtiny48-MMH Datasheet HTML 21Page - ATMEL Corporation ATtiny48-MMH Datasheet HTML 22Page - ATMEL Corporation ATtiny48-MMH Datasheet HTML 23Page - ATMEL Corporation ATtiny48-MMH Datasheet HTML 24Page - ATMEL Corporation ATtiny48-MMH Datasheet HTML 25Page - ATMEL Corporation ATtiny48-MMH Datasheet HTML 26Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 266 page
background image
22
8008C–AVR–03/09
ATtiny48/88
5.5
Register Description
5.5.1
EEARH and EEARL – EEPROM Address Register
• Bits 15..6 – Res: Reserved Bits
These bits are reserved and will always read zero.
• Bits 5..0 – EEAR5..0: EEPROM Address
The EEPROM Address Registers – EEARH and EEARL specify the EEPROM address in the
64/64 bytes EEPROM space. The EEPROM data bytes are addressed linearly between 0 and
63/63. The initial value of EEAR is undefined. A proper value must be written before the
EEPROM may be accessed.
5.5.2
EEDR – EEPROM Data Register
• Bits 7..0 – EEDR7.0: EEPROM Data
For the EEPROM write operation, the EEDR Register contains the data to be written to the
EEPROM in the address given by the EEAR Register. For the EEPROM read operation, the
EEDR contains the data read out from the EEPROM at the address given by EEAR.
5.5.3
EECR – EEPROM Control Register
• Bits 7..6 – Res: Reserved Bits
These bits are reserved and will always read zero.
• Bits 5, 4 – EEPM1 and EEPM0: EEPROM Programming Mode Bits
The EEPROM Programming mode bit setting defines which programming action that will be trig-
gered when writing EEPE. It is possible to program data in one atomic operation (erase the old
value and program the new value) or to split the Erase and Write operations in two different
operations. The Programming times for the different modes are shown in Table 5-1. While EEPE
Bit
151413121110
9
8
–
–––
––
–
-
EEARH
-
-
EEAR5
EEAR4
EEAR3
EEAR2
EEAR1
EEAR0
EEARL
7
654
32
10
Read/Write
RR
RR
RR
RR
R
R
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
0
0
XX
XX
XX
Bit
7
654
32
10
MSB
LSB
EEDR
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Bit
7654
3
2
10
–
–
EEPM1
EEPM0
EERIE
EEMPE
EEPE
EERE
EECR
Read/Write
R
R
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
X
X
0
0
X
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com