Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega169P Datasheet(PDF) 233 Page - ATMEL Corporation

Part # ATmega169P
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  393 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega169P Datasheet(HTML) 233 Page - ATMEL Corporation

Back Button ATmega169P Datasheet HTML 229Page - ATMEL Corporation ATmega169P Datasheet HTML 230Page - ATMEL Corporation ATmega169P Datasheet HTML 231Page - ATMEL Corporation ATmega169P Datasheet HTML 232Page - ATMEL Corporation ATmega169P Datasheet HTML 233Page - ATMEL Corporation ATmega169P Datasheet HTML 234Page - ATMEL Corporation ATmega169P Datasheet HTML 235Page - ATMEL Corporation ATmega169P Datasheet HTML 236Page - ATMEL Corporation ATmega169P Datasheet HTML 237Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 233 / 393 page
background image
233
8018N–AVR–08/09
ATmega169P
23. LCD Controller
23.1
Features
• Display Capacity of 25 Segments and Four Common Terminals
• Support Static, 1/2, 1/3 and 1/4 Duty
• Support Static, 1/2, 1/3 Bias
• On-chip LCD Power Supply, only One External Capacitor needed
• Display Possible in Power-save Mode for Low Power Consumption
• Software Selectable Low Power Waveform Capability
• Flexible Selection of Frame Frequency
• Software Selection between System Clock or an External Asynchronous Clock Source
• Equal Source and Sink Capability to maximize LCD Life Time
• LCD Interrupt Can be Used for Display Data Update or Wake-up from Sleep Mode
• Segment and Common Pins not Needed for Driving the Display Can be Used as Ordinary I/O Pins
• Latching of Display Data gives Full Freedom in Register Update
23.2
Overview
The LCD Controller/driver is intended for monochrome passive liquid crystal display (LCD) with
up to four common terminals and up to 25 segment terminals.
A simplified block diagram of the LCD Controller/Driver is shown in Figure 23-1. For the actual
placement of I/O pins, see ”64A (TQFP)and 64M1 (QFN/MLF) Pinout ATmega169P” on page 2.
An LCD consists of several segments (pixels or complete symbols) which can be visible or non
visible. A segment has two electrodes with liquid crystal between them. When a voltage above a
threshold voltage is applied across the liquid crystal, the segment becomes visible.
The voltage must alternate to avoid an electrophoresis effect in the liquid crystal, which
degrades the display. Hence the waveform across a segment must not have a DC-component.
The PRLCD bit in ”PRR – Power Reduction Register” on page 45 must be written to zero to
enable the LCD module.
23.2.1
Definitions
Several terms are used when describing LCD. The definitions in Table 23-1 are used throughout
this document.
Table 23-1.
Definitions
LCD
A passive display panel with terminals leading directly to a segment
Segment
The least viewing element (pixel) which can be on or off
Common
Denotes how many segments are connected to a segment terminal
Duty
1/(Number of common terminals on a actual LCD display)
Bias
1/(Number of voltage levels used driving a LCD display -1)
Frame Rate
Number of times the LCD segments is energized per second.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com