Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega169P Datasheet(PDF) 236 Page - ATMEL Corporation

Part # ATmega169P
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  393 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega169P Datasheet(HTML) 236 Page - ATMEL Corporation

Back Button ATmega169P Datasheet HTML 232Page - ATMEL Corporation ATmega169P Datasheet HTML 233Page - ATMEL Corporation ATmega169P Datasheet HTML 234Page - ATMEL Corporation ATmega169P Datasheet HTML 235Page - ATMEL Corporation ATmega169P Datasheet HTML 236Page - ATMEL Corporation ATmega169P Datasheet HTML 237Page - ATMEL Corporation ATmega169P Datasheet HTML 238Page - ATMEL Corporation ATmega169P Datasheet HTML 239Page - ATMEL Corporation ATmega169P Datasheet HTML 240Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 236 / 393 page
background image
236
8018N–AVR–08/09
ATmega169P
23.2.8
Minimizing Power Consumption
By keeping the percentage of the time the LCD drivers are turned on at a minimum, the power
consumption of the LCD driver can be minimized. This can be achieved by using the lowest
acceptable frame rate, and using low power waveform if possible. The drive time should be kept
at the lowest setting that achieves satisfactory contrast for a particular display, while allowing
some headroom for production variations between individual LCD drivers and displays. Note
that some of the highest LCD voltage settings may result in high power consumption when V
CC
is below 2.0V. The recommended maximum LCD voltage is 2*(V
CC - 0.2V).
23.3
Mode of Operation
23.3.1
Static Duty and Bias
If all segments on a LCD have one electrode common, then each segment must have a unique
terminal.
This kind of display is driven with the waveform shown in Figure 23-3. SEG0 - COM0 is the volt-
age across a segment that is on, and SEG1 - COM0 is the voltage across a segment that is off.
Figure 23-3. Driving a LCD with One Common Terminal
23.3.2
1/2 Duty and 1/2 Bias
For LCD with two common terminals (1/2 duty) a more complex waveform must be used to indi-
vidually control segments. Although 1/3 bias can be selected 1/2 bias is most common for these
displays. Waveform is shown in Figure 23-4. SEG0 - COM0 is the voltage across a segment that
is on, and SEG0 - COM1 is the voltage across a segment that is off.
VLCD
GND
VLCD
GND
VLCD
GND
-VLCD
SEG0
COM0
SEG0 - COM0
Frame
Frame
VLCD
GND
VLCD
GND
GND
SEG1
COM0
SEG1 - COM0
Frame
Frame



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com