Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega169P Datasheet(PDF) 235 Page - ATMEL Corporation

Part # ATmega169P
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  393 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega169P Datasheet(HTML) 235 Page - ATMEL Corporation

Back Button ATmega169P Datasheet HTML 231Page - ATMEL Corporation ATmega169P Datasheet HTML 232Page - ATMEL Corporation ATmega169P Datasheet HTML 233Page - ATMEL Corporation ATmega169P Datasheet HTML 234Page - ATMEL Corporation ATmega169P Datasheet HTML 235Page - ATMEL Corporation ATmega169P Datasheet HTML 236Page - ATMEL Corporation ATmega169P Datasheet HTML 237Page - ATMEL Corporation ATmega169P Datasheet HTML 238Page - ATMEL Corporation ATmega169P Datasheet HTML 239Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 235 / 393 page
background image
235
8018N–AVR–08/09
ATmega169P
To energize a segment, an absolute voltage above a certain threshold must be applied. This is
done by letting the output voltage on corresponding COM pin and SEG pin have opposite phase.
For display with more than one common, one (1/2 bias) or two (1/3 bias) additional voltage lev-
els must be applied. Otherwise, non-energized segments on COM0 would be energized for all
non-selected common.
Addressing COM0 starts a frame by driving opposite phase with large amplitude out on COM0
compared to none addressed COM lines. Non-energized segments are in phase with the
addressed COM0, and energized segments have opposite phase and large amplitude. For
waveform figures refer to ”Mode of Operation” on page 236. Latched data from LCDDR4 -
LCDDR0 is multiplexed into the decoder. The decoder is controlled from the LCD timing and
sets up signals controlling the analog switches to produce an output waveform. Next, COM1 is
addressed, and latched data from LCDDR9 - LCDDR5 is input to decoder. Addressing continu-
ous until all COM lines are addressed according to number of common (duty). The display data
are latched before a new frame start.
23.2.5
LCD Contrast Controller/Power Supply
The peak value (V
LCD) on the output waveform determines the LCD Contrast. VLCD is controlled
by software from 2.6V to 3.35V independent of V
CC. An internal signal inhibits output to the LCD
until V
LCD has reached its target value.
23.2.6
LCDCAP
An external capacitor (typical > 470 nF) must be connected to the LCDCAP pin as shown in Fig-
ure 23-2. This capacitor acts as a reservoir for LCD power (V
LCD). A large capacitance reduces
ripple on V
LCD but increases the time until VLCD reaches its target value.
It is possible to use an external power supply. This power can be applied to LCDCAP before
V
CC. Externally applied VLCD can be both above and below VCC. Maximum VLCD is 5.5V
Figure 23-2. LCDCAP Connection
23.2.7
LCD Buffer Driver
Intermediate voltage levels are generated from buffers/drivers. The buffers are active the
amount of time specified by LCDDC[2:0] in ”LCDCCR – LCD Contrast Control Register” on page
249. Then LCD output pins are tri-stated and buffers are switched off. Shortening the drive time
will reduce power consumption, but displays with high internal resistance or capacitance may
need longer drive time to achieve sufficient contrast.
3
2
1
64
63
62
LCDCAP
V
LCD
(Optional)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com