Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega32A Datasheet(PDF) 64 Page - ATMEL Corporation

Part # ATmega32A
Description  8-bit Microcontroller with 32K Bytes In-System Programmable Flash
PDF  352 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega32A Datasheet(HTML) 64 Page - ATMEL Corporation

Back Button ATmega32A Datasheet HTML 60Page - ATMEL Corporation ATmega32A Datasheet HTML 61Page - ATMEL Corporation ATmega32A Datasheet HTML 62Page - ATMEL Corporation ATmega32A Datasheet HTML 63Page - ATMEL Corporation ATmega32A Datasheet HTML 64Page - ATMEL Corporation ATmega32A Datasheet HTML 65Page - ATMEL Corporation ATmega32A Datasheet HTML 66Page - ATMEL Corporation ATmega32A Datasheet HTML 67Page - ATMEL Corporation ATmega32A Datasheet HTML 68Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 352 page
background image
64
8155B–AVR–07/09
ATmega32A
Note:
1. When enabled, the Two-wire Serial Interface enables slew-rate controls on the output pins
PC0 and PC1. This is not shown in the figure. In addition, spike filters are connected between
the AIO outputs shown in the port figure and the digital logic of the TWI module.
12.3.4
Alternate Functions of Port D
The Port D pins with alternate functions are shown in Table 12-12.
The alternate pin configuration is as follows:
• OC2 – Port D, Bit 7
OC2, Timer/Counter2 Output Compare Match output: The PD7 pin can serve as an external out-
put for the Timer/Counter2 Output Compare. The pin has to be configured as an output (DDD7
set (one)) to serve this function. The OC2 pin is also the output pin for the PWM mode timer
function.
• ICP1 – Port D, Bit 6
ICP1 – Input Capture Pin: The PD6 pin can act as an Input Capture pin for Timer/Counter1.
• OC1A – Port D, Bit 5
Table 12-11. Overriding Signals for Alternate Functions in PC3:PC0(1)
Signal
Name
PC3/TMS
PC2/TCK
PC1/SDA
PC0/SCL
PUOE
JTAGEN
JTAGEN
TWEN
TWEN
PUOV
1
1
PORTC1 • PUD
PORTC0 • PUD
DDOE
JTAGENJTAGENTWEN
TWEN
DDOV
0
0
SDA_OUT
SCL_OUT
PVOE
0
0
TWEN
TWEN
PVOV
0
0
0
0
DIEOE
JTAGENJTAGEN0
0
DIEOV
0
0
0
0
DI
–
–
–
–
AIO
TMS
TCK
SDA INPUT
SCL INPUT
Table 12-12. Port D Pins Alternate Functions
Port Pin
Alternate Function
PD7
OC2 (Timer/Counter2 Output Compare Match Output)
PD6
ICP1 (Timer/Counter1 Input Capture Pin)
PD5
OC1A (Timer/Counter1 Output Compare A Match Output)
PD4
OC1B (Timer/Counter1 Output Compare B Match Output)
PD3
INT1 (External Interrupt 1 Input)
PD2
INT0 (External Interrupt 0 Input)
PD1
TXD (USART Output Pin)
PD0
RXD (USART Input Pin)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com