Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega32A Datasheet(PDF) 61 Page - ATMEL Corporation

Part # ATmega32A
Description  8-bit Microcontroller with 32K Bytes In-System Programmable Flash
PDF  352 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega32A Datasheet(HTML) 61 Page - ATMEL Corporation

Back Button ATmega32A Datasheet HTML 57Page - ATMEL Corporation ATmega32A Datasheet HTML 58Page - ATMEL Corporation ATmega32A Datasheet HTML 59Page - ATMEL Corporation ATmega32A Datasheet HTML 60Page - ATMEL Corporation ATmega32A Datasheet HTML 61Page - ATMEL Corporation ATmega32A Datasheet HTML 62Page - ATMEL Corporation ATmega32A Datasheet HTML 63Page - ATMEL Corporation ATmega32A Datasheet HTML 64Page - ATMEL Corporation ATmega32A Datasheet HTML 65Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 352 page
background image
61
8155B–AVR–07/09
ATmega32A
Table 12-7.
Overriding Signals for Alternate Functions in PB7:PB4
Signal
Name
PB7/SCK
PB6/MISO
PB5/MOSI
PB4/SS
PUOE
SPE • MSTR
SPE • MSTR
SPE • MSTR
SPE • MSTR
PUOV
PORTB7 • PUD
PORTB6 • PUD
PORTB5 • PUD
PORTB4 • PUD
DDOE
SPE • MSTR
SPE • MSTR
SPE • MSTR
SPE • MSTR
DDOV
0
0
0
0
PVOE
SPE • MSTR
SPE • MSTR
SPE • MSTR
0
PVOV
SCK OUTPUT
SPI SLAVE OUTPUT
SPI MSTR OUTPUT
0
DIEOE
0
0
0
0
DIEOV
0
0
0
0
DI
SCK INPUT
SPI MSTR INPUT
SPI SLAVE INPUT
SPI SS
AIO
–
–
–
–
Table 12-8.
Overriding Signals for Alternate Functions in PB3:PB0
Signal
Name
PB3/OC0/AIN1
PB2/INT2/AIN0
PB1/T1
PB0/T0/XCK
PUOE
0
0
0
0
PUOV
0
0
0
0
DDOE
0
0
0
0
DDOV
0
0
0
0
PVOE
OC0 ENABLE
0
0
UMSEL
PVOV
OC0
0
0
XCK OUTPUT
DIEOE
0
INT2 ENABLE
0
0
DIEOV
0
1
0
0
DI
–
INT2 INPUT
T1 INPUT
XCK INPUT/T0 INPUT
AIO
AIN1 INPUT
AIN0 INPUT
–
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com