Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega32A Datasheet(PDF) 59 Page - ATMEL Corporation

Part # ATmega32A
Description  8-bit Microcontroller with 32K Bytes In-System Programmable Flash
PDF  352 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega32A Datasheet(HTML) 59 Page - ATMEL Corporation

Back Button ATmega32A Datasheet HTML 55Page - ATMEL Corporation ATmega32A Datasheet HTML 56Page - ATMEL Corporation ATmega32A Datasheet HTML 57Page - ATMEL Corporation ATmega32A Datasheet HTML 58Page - ATMEL Corporation ATmega32A Datasheet HTML 59Page - ATMEL Corporation ATmega32A Datasheet HTML 60Page - ATMEL Corporation ATmega32A Datasheet HTML 61Page - ATMEL Corporation ATmega32A Datasheet HTML 62Page - ATMEL Corporation ATmega32A Datasheet HTML 63Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 352 page
background image
59
8155B–AVR–07/09
ATmega32A
12.3.2
Alternate Functions of Port B
The Port B pins with alternate functions are shown in Table 12-6.
The alternate pin configuration is as follows:
• SCK – Port B, Bit 7
SCK: Master Clock output, Slave Clock input pin for SPI. When the SPI is enabled as a Slave,
this pin is configured as an input regardless of the setting of DDB7. When the SPI is enabled as
a Master, the data direction of this pin is controlled by DDB7. When the pin is forced by the SPI
to be an input, the pull-up can still be controlled by the PORTB7 bit.
• MISO – Port B, Bit 6
MISO: Master Data input, Slave Data output pin for SPI. When the SPI is enabled as a Master,
this pin is configured as an input regardless of the setting of DDB6. When the SPI is enabled as
a Slave, the data direction of this pin is controlled by DDB6. When the pin is forced by the SPI to
be an input, the pull-up can still be controlled by the PORTB6 bit.
Table 12-5.
Overriding Signals for Alternate Functions in PA3:PA0
Signal Name
PA3/ADC3
PA2/ADC2
PA1/ADC1
PA0/ADC0
PUOE
00
00
PUOV
00
00
DDOE
0
0
0
0
DDOV
0
0
0
0
PVOE
00
00
PVOV
00
00
DIEOE
0
0
0
0
DIEOV
0
0
0
0
DI
––
––
AIO
ADC3 INPUT
ADC2 INPUT
ADC1 INPUT
ADC0 INPUT
Table 12-6.
Port B Pins Alternate Functions
Port Pin
Alternate Functions
PB7
SCK (SPI Bus Serial Clock)
PB6
MISO (SPI Bus Master Input/Slave Output)
PB5
MOSI (SPI Bus Master Output/Slave Input)
PB4
SS (SPI Slave Select Input)
PB3
AIN1 (Analog Comparator Negative Input)
OC0 (Timer/Counter0 Output Compare Match Output)
PB2
AIN0 (Analog Comparator Positive Input)
INT2 (External Interrupt 2 Input)
PB1
T1 (Timer/Counter1 External Counter Input)
PB0
T0 (Timer/Counter0 External Counter Input)
XCK (USART External Clock Input/Output)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com