Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega32A Datasheet(PDF) 30 Page - ATMEL Corporation

Part # ATmega32A
Description  8-bit Microcontroller with 32K Bytes In-System Programmable Flash
PDF  352 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega32A Datasheet(HTML) 30 Page - ATMEL Corporation

Back Button ATmega32A Datasheet HTML 26Page - ATMEL Corporation ATmega32A Datasheet HTML 27Page - ATMEL Corporation ATmega32A Datasheet HTML 28Page - ATMEL Corporation ATmega32A Datasheet HTML 29Page - ATMEL Corporation ATmega32A Datasheet HTML 30Page - ATMEL Corporation ATmega32A Datasheet HTML 31Page - ATMEL Corporation ATmega32A Datasheet HTML 32Page - ATMEL Corporation ATmega32A Datasheet HTML 33Page - ATMEL Corporation ATmega32A Datasheet HTML 34Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 352 page
background image
30
8155B–AVR–07/09
ATmega32A
8.7
Calibrated Internal RC Oscillator
The Calibrated Internal RC Oscillator provides a fixed 1.0, 2.0, 4.0, or 8.0 MHz clock. All fre-
quencies are nominal values at 5V and 25
°C. This clock may be selected as the system clock by
programming the CKSEL fuses as shown in Table 8-8. If selected, it will operate with no external
components. The CKOPT Fuse should always be unprogrammed when using this clock option.
During Reset, hardware loads the calibration byte for the 1MHz into the OSCCAL Register and
thereby automatically calibrates the RC Oscillator. At 5V, 25
°C and 1.0 MHz Oscillator fre-
quency selected, this calibration gives a frequency within ± 3% of the nominal frequency. Using
calibration methods as described in application notes available at www.atmel.com/avr it is possi-
ble to achieve ± 1% accuracy at any given V
CC and Temperature. When this Oscillator is used
as the Chip Clock, the Watchdog Oscillator will still be used for the Watchdog Timer and for the
reset time-out. For more information on the pre-programmed calibration value, see the section
“Calibration Byte” on page 268.
Note:
1. The device is shipped with this option selected.
When this Oscillator is selected, start-up times are determined by the SUT fuses as shown in
Table 8-9. XTAL1 and XTAL2 should be left unconnected (NC).
Note:
1. The device is shipped with this option selected.
8.8
External Clock
To drive the device from an external clock source, XTAL1 should be driven as shown in Figure
8-4. To run the device on an external clock, the CKSEL fuses must be programmed to “0000”.
By programming the CKOPT Fuse, the user can enable an internal 36 pF capacitor between
XTAL1 and GND.
Table 8-8.
Internal Calibrated RC Oscillator Operating Modes
CKSEL3:0
Nominal Frequency (MHz)
0001(1)
1.0
0010
2.0
0011
4.0
0100
8.0
Table 8-9.
Start-up Times for the Internal Calibrated RC Oscillator Clock Selection
SUT1:0
Start-up Time from
Power-down and
Power-save
Additional Delay
from Reset
(V
CC = 5.0V)
Recommended Usage
00
6 CK
–
BOD enabled
01
6 CK
4.1 ms
Fast rising power
10(1)
6 CK
65 ms
Slowly rising power
11
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com