Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega32A Datasheet(PDF) 60 Page - ATMEL Corporation

Part # ATmega32A
Description  8-bit Microcontroller with 32K Bytes In-System Programmable Flash
PDF  352 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega32A Datasheet(HTML) 60 Page - ATMEL Corporation

Back Button ATmega32A Datasheet HTML 56Page - ATMEL Corporation ATmega32A Datasheet HTML 57Page - ATMEL Corporation ATmega32A Datasheet HTML 58Page - ATMEL Corporation ATmega32A Datasheet HTML 59Page - ATMEL Corporation ATmega32A Datasheet HTML 60Page - ATMEL Corporation ATmega32A Datasheet HTML 61Page - ATMEL Corporation ATmega32A Datasheet HTML 62Page - ATMEL Corporation ATmega32A Datasheet HTML 63Page - ATMEL Corporation ATmega32A Datasheet HTML 64Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 352 page
background image
60
8155B–AVR–07/09
ATmega32A
• MOSI – Port B, Bit 5
MOSI: SPI Master Data output, Slave Data input for SPI. When the SPI is enabled as a Slave,
this pin is configured as an input regardless of the setting of DDB5. When the SPI is enabled as
a Master, the data direction of this pin is controlled by DDB5. When the pin is forced by the SPI
to be an input, the pull-up can still be controlled by the PORTB5 bit.
•SS – Port B, Bit 4
SS: Slave Select input. When the SPI is enabled as a Slave, this pin is configured as an input
regardless of the setting of DDB4. As a Slave, the SPI is activated when this pin is driven low.
When the SPI is enabled as a Master, the data direction of this pin is controlled by DDB4. When
the pin is forced by the SPI to be an input, the pull-up can still be controlled by the PORTB4 bit.
• AIN1/OC0 – Port B, Bit 3
AIN1, Analog Comparator Negative Input. Configure the port pin as input with the internal pull-up
switched off to avoid the digital port function from interfering with the function of the analog
comparator.
OC0, Output Compare Match output: The PB3 pin can serve as an external output for the
Timer/Counter0 Compare Match. The PB3 pin has to be configured as an output (DDB3 set
(one)) to serve this function. The OC0 pin is also the output pin for the PWM mode timer
function.
• AIN0/INT2 – Port B, Bit 2
AIN0, Analog Comparator Positive input. Configure the port pin as input with the internal pull-up
switched off to avoid the digital port function from interfering with the function of the Analog
Comparator.
INT2, External Interrupt Source 2: The PB2 pin can serve as an external interrupt source to the
MCU.
• T1 – Port B, Bit 1
T1, Timer/Counter1 Counter Source.
• T0/XCK – Port B, Bit 0
T0, Timer/Counter0 Counter Source.
XCK, USART External Clock. The Data Direction Register (DDB0) controls whether the clock is
output (DDB0 set) or input (DDB0 cleared). The XCK pin is active only when the USART oper-
ates in Synchronous mode.
Table 12-7 and Table 12-8 relate the alternate functions of Port B to the overriding signals
shown in Figure 12-5 on page 56. SPI MSTR INPUT and SPI SLAVE OUTPUT constitute the
MISO signal, while MOSI is divided into SPI MSTR OUTPUT and SPI SLAVE INPUT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com