Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega32A Datasheet(PDF) 28 Page - ATMEL Corporation

Part # ATmega32A
Description  8-bit Microcontroller with 32K Bytes In-System Programmable Flash
PDF  352 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega32A Datasheet(HTML) 28 Page - ATMEL Corporation

Back Button ATmega32A Datasheet HTML 24Page - ATMEL Corporation ATmega32A Datasheet HTML 25Page - ATMEL Corporation ATmega32A Datasheet HTML 26Page - ATMEL Corporation ATmega32A Datasheet HTML 27Page - ATMEL Corporation ATmega32A Datasheet HTML 28Page - ATMEL Corporation ATmega32A Datasheet HTML 29Page - ATMEL Corporation ATmega32A Datasheet HTML 30Page - ATMEL Corporation ATmega32A Datasheet HTML 31Page - ATMEL Corporation ATmega32A Datasheet HTML 32Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 352 page
background image
28
8155B–AVR–07/09
ATmega32A
The CKSEL0 Fuse together with the SUT1:0 fuses select the start-up times as shown in Table 8-
4.
Notes:
1. These options should only be used when not operating close to the maximum frequency of the
device, and only if frequency stability at start-up is not important for the application. These
options are not suitable for crystals.
2. These options are intended for use with ceramic resonators and will ensure frequency stability
at start-up. They can also be used with crystals when not operating close to the maximum fre-
quency of the device, and if frequency stability at start-up is not important for the application.
8.5
Low-frequency Crystal Oscillator
To use a 32.768 kHz watch crystal as the clock source for the device, the Low-frequency Crystal
Oscillator must be selected by setting the CKSEL fuses to “1001”. The crystal should be con-
nected as shown in Figure 8-2. By programming the CKOPT Fuse, the user can enable internal
capacitors on XTAL1 and XTAL2, thereby removing the need for external capacitors. The inter-
nal capacitors have a nominal value of 36 pF.
When this Oscillator is selected, start-up times are determined by the SUT fuses as shown in
Table 8-5.
Table 8-4.
Start-up Times for the Crystal Oscillator Clock Selection
CKSEL0
SUT1:0
Start-up Time from
Power-down and
Power-save
Additional Delay
from Reset
(VCC = 5.0V)
Recommended Usage
0
00
258 CK(1)
4.1 ms
Ceramic resonator, fast rising
power
0
01
258 CK(1)
65 ms
Ceramic resonator, slowly
rising power
010
1K CK(2)
–
Ceramic resonator, BOD
enabled
011
1K CK(2)
4.1 ms
Ceramic resonator, fast rising
power
100
1K CK(2)
65 ms
Ceramic resonator, slowly
rising power
1
01
16K CK
–
Crystal Oscillator, BOD
enabled
1
10
16K CK
4.1 ms
Crystal Oscillator, fast rising
power
1
11
16K CK
65 ms
Crystal Oscillator, slowly
rising power
Table 8-5.
Start-up Times for the Low-frequency Crystal Oscillator Clock Selection
SUT1:0
Start-up Time from
Power-down and
Power-save
Additional Delay
from Reset
(V
CC = 5.0V)
Recommended Usage
00
1K CK(1)
4.1 ms
Fast rising power or BOD enabled
01
1K CK(1)
65 ms
Slowly rising power
10
32K CK
65 ms
Stable frequency at start-up
11
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com