Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega32A Datasheet(PDF) 114 Page - ATMEL Corporation

Part # ATmega32A
Description  8-bit Microcontroller with 32K Bytes In-System Programmable Flash
PDF  352 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega32A Datasheet(HTML) 114 Page - ATMEL Corporation

Back Button ATmega32A Datasheet HTML 110Page - ATMEL Corporation ATmega32A Datasheet HTML 111Page - ATMEL Corporation ATmega32A Datasheet HTML 112Page - ATMEL Corporation ATmega32A Datasheet HTML 113Page - ATMEL Corporation ATmega32A Datasheet HTML 114Page - ATMEL Corporation ATmega32A Datasheet HTML 115Page - ATMEL Corporation ATmega32A Datasheet HTML 116Page - ATMEL Corporation ATmega32A Datasheet HTML 117Page - ATMEL Corporation ATmega32A Datasheet HTML 118Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 352 page
background image
114
8155B–AVR–07/09
ATmega32A
TCCR1A is written when operating in a PWM mode. When writing a logical one to the
FOC1A/FOC1B bit, an immediate compare match is forced on the Waveform Generation unit.
The OC1A/OC1B output is changed according to its COM1x1:0 bits setting. Note that the
FOC1A/FOC1B bits are implemented as strobes. Therefore it is the value present in the
COM1x1:0 bits that determine the effect of the forced compare.
A FOC1A/FOC1B strobe will not generate any interrupt nor will it clear the timer in Clear Timer
on Compare match (CTC) mode using OCR1A as TOP.
The FOC1A/FOC1B bits are always read as zero.
• Bit 1:0 – WGM11:0: Waveform Generation Mode
Combined with the WGM13:2 bits found in the TCCR1B Register, these bits control the counting
sequence of the counter, the source for maximum (TOP) counter value, and what type of wave-
form generation to be used, see Table 16-5. Modes of operation supported by the Timer/Counter
unit are: Normal mode (counter), Clear Timer on Compare match (CTC) mode, and three types
of Pulse Width Modulation (PWM) modes. (See “Modes of Operation” on page 103.)
Note:
1. The CTC1 and PWM11:0 bit definition names are obsolete. Use the
WGM12:0 definitions. However, the functionality and
location of these bits are compatible with previous versions of the timer.
16.10.2
TCCR1B – Timer/Counter1 Control Register B
Table 16-5.
Waveform Generation Mode Bit Description
(1)
Mode
WGM13
WGM12
(CTC1)
WGM11
(PWM11)
WGM10
(PWM10)
Timer/Counter Mode of
Operation
TOP
Update of
OCR1
x
TOV1 Flag Set
on
00
0
0
0
Normal
0xFFFF
Immediate
MAX
10
0
0
1
PWM, Phase Correct, 8-bit
0x00FF
TOP
BOTTOM
20
0
1
0
PWM, Phase Correct, 9-bit
0x01FF
TOP
BOTTOM
30
0
1
1
PWM, Phase Correct, 10-bit
0x03FF
TOP
BOTTOM
40
1
0
0
CTC
OCR1A
Immediate
MAX
50
1
0
1
Fast PWM, 8-bit
0x00FF
BOTTOM
TOP
60
1
1
0
Fast PWM, 9-bit
0x01FF
BOTTOM
TOP
70
1
1
1
Fast PWM, 10-bit
0x03FF
BOTTOM
TOP
81
0
0
0
PWM, Phase and Frequency Correct
ICR1
BOTTOM
BOTTOM
91
0
0
1
PWM, Phase and Frequency Correct
OCR1A
BOTTOM
BOTTOM
10
1
0
1
0
PWM, Phase Correct
ICR1
TOP
BOTTOM
11
1
0
1
1
PWM, Phase Correct
OCR1A
TOP
BOTTOM
12
1
1
0
0
CTC
ICR1
Immediate
MAX
13
1
1
0
1
Reserved
–
–
–
14
1
1
1
0
Fast PWM
ICR1
BOTTOM
TOP
15
1
1
1
1
Fast PWM
OCR1A
BOTTOM
TOP
Bit
7
6
5
4
3
210
ICNC1
ICES1
–
WGM13
WGM12
CS12
CS11
CS10
TCCR1B
Read/Write
R/W
R/W
R
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com