Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega32A Datasheet(PDF) 134 Page - ATMEL Corporation

Part # ATmega32A
Description  8-bit Microcontroller with 32K Bytes In-System Programmable Flash
PDF  352 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega32A Datasheet(HTML) 134 Page - ATMEL Corporation

Back Button ATmega32A Datasheet HTML 130Page - ATMEL Corporation ATmega32A Datasheet HTML 131Page - ATMEL Corporation ATmega32A Datasheet HTML 132Page - ATMEL Corporation ATmega32A Datasheet HTML 133Page - ATMEL Corporation ATmega32A Datasheet HTML 134Page - ATMEL Corporation ATmega32A Datasheet HTML 135Page - ATMEL Corporation ATmega32A Datasheet HTML 136Page - ATMEL Corporation ATmega32A Datasheet HTML 137Page - ATMEL Corporation ATmega32A Datasheet HTML 138Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 352 page
background image
134
8155B–AVR–07/09
ATmega32A
Table 17-4 shows the COM2[1:0] bit functionality when the WGM21:0 bits are set to fast PWM
mode.
Note:
1. A special case occurs when OCR2 equals TOP and COM21 is set. In this case, the compare
match is ignored, but the set or clear is done at TOP. See “Fast PWM Mode” on page 125 for
more details.
Table 17-5 shows the COM2[1:0] bit functionality when the WGM21:0 bits are set to phase cor-
rect PWM mode
.
Note:
1. A special case occurs when OCR2 equals TOP and COM21 is set. In this case, the compare
match is ignored, but the set or clear is done at TOP. See “Phase Correct PWM Mode” on page
127 for more details.
• Bit 2:0 – CS2[2:0]: Clock Select
The three Clock Select bits select the clock source to be used by the Timer/Counter, see Table
17-6.
Table 17-4.
Compare Output Mode, Fast PWM Mode(1)
COM21
COM20
Description
0
0
Normal port operation, OC2 disconnected.
01
Reserved
1
0
Clear OC2 on compare match, set OC2 at BOTTOM,
(non-inverting mode)
1
1
Set OC2 on compare match, clear OC2 at BOTTOM,
(inverting mode)
Table 17-5.
Compare Output Mode, Phase Correct PWM Mode
(1)
COM21
COM20
Description
0
0
Normal port operation, OC2 disconnected.
01
Reserved
1
0
Clear OC2 on compare match when up-counting. Set OC2 on compare match
when downcounting.
1
1
Set OC2 on compare match when up-counting. Clear OC2 on compare match
when downcounting.
Table 17-6.
Clock Select Bit Description
CS22
CS21
CS20
Description
0
0
0
No clock source (Timer/Counter stopped).
00
1
clk
T2S/(No prescaling)
01
0
clk
T2S/8 (From prescaler)
01
1
clk
T2S/32 (From prescaler)
10
0
clk
T2S/64 (From prescaler)
10
1
clk
T2S/128 (From prescaler)
11
0
clkT2S/256 (From prescaler)
11
1
clkT2S/1024 (From prescaler)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com