Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega324PA Datasheet(PDF) 69 Page - ATMEL Corporation

Part # ATmega324PA
Description  8-bit Microcontroller with 16/32/64/128K Bytes In-Sytem Programmable Flash
PDF  468 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega324PA Datasheet(HTML) 69 Page - ATMEL Corporation

Back Button ATmega324PA Datasheet HTML 65Page - ATMEL Corporation ATmega324PA Datasheet HTML 66Page - ATMEL Corporation ATmega324PA Datasheet HTML 67Page - ATMEL Corporation ATmega324PA Datasheet HTML 68Page - ATMEL Corporation ATmega324PA Datasheet HTML 69Page - ATMEL Corporation ATmega324PA Datasheet HTML 70Page - ATMEL Corporation ATmega324PA Datasheet HTML 71Page - ATMEL Corporation ATmega324PA Datasheet HTML 72Page - ATMEL Corporation ATmega324PA Datasheet HTML 73Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 468 page
background image
69
8152G–AVR–11/09
ATmega164PA/324PA/644PA/1284P
generate an interrupt. If low level interrupt is selected, the low level must be held until the com-
pletion of the currently executing instruction to generate an interrupt. If enabled, a level triggered
interrupt will generate an interrupt request as long as the pin is held low. When changing the
ISCn bit, an interrupt can occur. Therefore, it is recommended to first disable INTn by clearing its
Interrupt Enable bit in the EIMSK Register. Then, the ISCn bit can be changed. Finally, the INTn
interrupt flag should be cleared by writing a logical one to its Interrupt Flag bit (INTFn) in the
EIFR Register before the interrupt is re-enabled.
Note:
1. n = 2, 1 or 0.
When changing the ISCn1/ISCn0 bits, the interrupt must be disabled by clearing its Interrupt
Enable bit in the EIMSK Register. Otherwise an interrupt can occur when the bits are changed.
12.2.2
EIMSK – External Interrupt Mask Register
• Bits 2:0 – INT2:0: External Interrupt Request 2 - 0 Enable
When an INT2:0 bit is written to one and the I-bit in the Status Register (SREG) is set (one), the
corresponding external pin interrupt is enabled. The Interrupt Sense Control bits in the External
Interrupt Control Register, EICRA, defines whether the external interrupt is activated on rising or
falling edge or level sensed. Activity on any of these pins will trigger an interrupt request even if
the pin is enabled as an output. This provides a way of generating a software interrupt.
12.2.3
EIFR –External Interrupt Flag Register
• Bits 2:0 – INTF2:0: External Interrupt Flags 2 - 0
When an edge or logic change on the INT2:0 pin triggers an interrupt request, INTF2:0 becomes
set (one). If the I-bit in SREG and the corresponding interrupt enable bit, INT2:0 in EIMSK, are
set (one), the MCU will jump to the interrupt vector. The flag is cleared when the interrupt routine
is executed. Alternatively, the flag can be cleared by writing a logical one to it. These flags are
always cleared when INT2:0 are configured as level interrupt. Note that when entering sleep
mode with the INT2:0 interrupts disabled, the input buffers on these pins will be disabled. This
Table 12-1.
Interrupt Sense Control
(1)
ISCn1
ISCn0
Description
0
0
The low level of INTn generates an interrupt request.
0
1
Any edge of INTn generates asynchronously an interrupt request.
1
0
The falling edge of INTn generates asynchronously an interrupt request.
1
1
The rising edge of INTn generates asynchronously an interrupt request.
Bit
76543210
0x1D (0x3D)
–
–
–
–
–
INT2
INT1
IINT0
EIMSK
Read/Write
RRRRR
R/W
R/W
R/W
Initial Value
00000000
Bit
76543210
0x1C (0x3C)
–
–
–
–
–
INTF2
INTF1
IINTF0
EIFR
Read/Write
R/W
RRRR
R/W
R/W
R/W
Initial Value
00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com