Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega324PA Datasheet(PDF) 91 Page - ATMEL Corporation

Part # ATmega324PA
Description  8-bit Microcontroller with 16/32/64/128K Bytes In-Sytem Programmable Flash
PDF  468 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega324PA Datasheet(HTML) 91 Page - ATMEL Corporation

Back Button ATmega324PA Datasheet HTML 87Page - ATMEL Corporation ATmega324PA Datasheet HTML 88Page - ATMEL Corporation ATmega324PA Datasheet HTML 89Page - ATMEL Corporation ATmega324PA Datasheet HTML 90Page - ATMEL Corporation ATmega324PA Datasheet HTML 91Page - ATMEL Corporation ATmega324PA Datasheet HTML 92Page - ATMEL Corporation ATmega324PA Datasheet HTML 93Page - ATMEL Corporation ATmega324PA Datasheet HTML 94Page - ATMEL Corporation ATmega324PA Datasheet HTML 95Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 468 page
background image
91
8152G–AVR–11/09
ATmega164PA/324PA/644PA/1284P
• INT0/RXD1/PCINT26 – Port D, Bit 2
INT0, External Interrupt source 0. The PD2 pin can serve as an external interrupt source to the
MCU.
RXD1, RXD0, Receive Data (Data input pin for the USART1). When the USART1 receiver is
enabled this pin is configured as an input regardless of the value of DDD2. When the USART
forces this pin to be an input, the pull-up can still be controlled by the PORTD2 bit.
PCINT26, Pin Change Interrupt Source 26: The PD2 pin can serve as an external interrupt
source.
• TXD0/PCINT25 – Port D, Bit 1
TXD0, Transmit Data (Data output pin for the USART0). When the USART0 Transmitter is
enabled, this pin is configured as an output regardless of the value of DDD1.
PCINT25, Pin Change Interrupt Source 25: The PD1 pin can serve as an external interrupt
source.
• RXD0/PCINT24 – Port D, Bit 0
RXD0, Receive Data (Data input pin for the USART0). When the USART0 receiver is enabled
this pin is configured as an input regardless of the value of DDD0. When the USART forces this
pin to be an input, the pull-up can still be controlled by the PORTD0 bit.
PCINT24, Pin Change Interrupt Source 24: The PD0 pin can serve as an external interrupt
source.
Table 13-13 on page 91 and Table 13-14 on page 92 relates the alternate functions of Port D to
the overriding signals shown in Figure 13-5 on page 80.
Table 13-13. Overriding Signals for Alternate Functions PD7:PD4
Signal Name
PD7/OC2A/
PCINT31
PD6/ICP1/
OC2B/
PCINT30
PD5/OC1A/
PCINT29
PD4/OC1B/XCK1/
PCINT28
PUOE
000
0
PUOV
000
0
DDOE
0
0
0
0
DDOV
0
0
0
0
PVOE
OC2A ENABLE
OC2B ENABLE
OC1A ENABLE
OC1B ENABLE
PVOV
OCA2A
OC2B
OC1A
OC1B
DIEOE
PCINT31 • PCIE3
PCINT30 • PCIE3
PCINT29 • PCIE3
PCINT28 • PCIE3
DIEOV
111
1
DI
PCINT31 INPUT
ICP1 INPUT
PCINT30 INPUT
PCINT29 INPUT
PCINT28 INPUT
AIO
–––
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com