Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega324PA Datasheet(PDF) 33 Page - ATMEL Corporation

Part # ATmega324PA
Description  8-bit Microcontroller with 16/32/64/128K Bytes In-Sytem Programmable Flash
PDF  468 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega324PA Datasheet(HTML) 33 Page - ATMEL Corporation

Back Button ATmega324PA Datasheet HTML 29Page - ATMEL Corporation ATmega324PA Datasheet HTML 30Page - ATMEL Corporation ATmega324PA Datasheet HTML 31Page - ATMEL Corporation ATmega324PA Datasheet HTML 32Page - ATMEL Corporation ATmega324PA Datasheet HTML 33Page - ATMEL Corporation ATmega324PA Datasheet HTML 34Page - ATMEL Corporation ATmega324PA Datasheet HTML 35Page - ATMEL Corporation ATmega324PA Datasheet HTML 36Page - ATMEL Corporation ATmega324PA Datasheet HTML 37Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 468 page
background image
33
8152G–AVR–11/09
ATmega164PA/324PA/644PA/1284P
8.3
Low Power Crystal Oscillator
This Crystal Oscillator is a low power oscillator, with reduced voltage swing on the XTAL2 out-
put. It gives the lowest power consumption, but is not capable of driving other clock inputs, and
may be more susceptible to noise in noisy environments. In these cases, refer to the ”Full Swing
Crystal Oscillator” on page 34.
Some initial guidelines for choosing capacitors for use with crystals are given in Table 8-3. The
crystal should be connected as described in ”Clock Source Connections” on page 32.
The Low Power Oscillator can operate in three different modes, each optimized for a specific fre-
quency range. The operating mode is selected by the fuses CKSEL3..1 as shown in Table 8-3.
Notes:
1. If 8 MHz frequency exceeds the specification of the device (depends on VCC), the CKDIV8
Fuse can be programmed in order to divide the internal frequency by 8. It must be ensured
that the resulting divided clock meets the frequency specification of the device.
2. This is the recommended CKSEL settings for the different frequency ranges.
3. This option should not be used with crystals, only with ceramic resonators.
The CKSEL0 Fuse together with the SUT1..0 Fuses select the start-up times as shown in Table
8-4.
Table 8-3.
Low Power Crystal Oscillator Operating Modes
(1)
Frequency Range (MHz)
CKSEL3..1(2)
Recommended Range for Capacitors C1
and C2 (pF)
0.4 - 0.9
100(3)
–
0.9 - 3.0
101
12 - 22
3.0 - 8.0
110
12 - 22
8.0 - 16.0
111
12 - 22
Table 8-4.
Start-up Times for the Low Power Crystal Oscillator Clock Selection
Oscillator Source /
Power Conditions
Start-up Time from
Power-down and
Power-save
Additional Delay
from Reset
(V
CC = 5.0V)
CKSEL0
SUT1..0
Ceramic resonator, fast
rising power
258 CK
14CK + 4.1 ms(1)
000
Ceramic resonator, slowly
rising power
258 CK
14CK + 65 ms(1)
001
Ceramic resonator, BOD
enabled
1K CK
14CK(2)
010
Ceramic resonator, fast
rising power
1K CK
14CK + 4.1 ms(2)
011
Ceramic resonator, slowly
rising power
1K CK
14CK + 65 ms(2)
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com