Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega324PA Datasheet(PDF) 19 Page - ATMEL Corporation

Part # ATmega324PA
Description  8-bit Microcontroller with 16/32/64/128K Bytes In-Sytem Programmable Flash
PDF  468 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega324PA Datasheet(HTML) 19 Page - ATMEL Corporation

Back Button ATmega324PA Datasheet HTML 15Page - ATMEL Corporation ATmega324PA Datasheet HTML 16Page - ATMEL Corporation ATmega324PA Datasheet HTML 17Page - ATMEL Corporation ATmega324PA Datasheet HTML 18Page - ATMEL Corporation ATmega324PA Datasheet HTML 19Page - ATMEL Corporation ATmega324PA Datasheet HTML 20Page - ATMEL Corporation ATmega324PA Datasheet HTML 21Page - ATMEL Corporation ATmega324PA Datasheet HTML 22Page - ATMEL Corporation ATmega324PA Datasheet HTML 23Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 468 page
background image
19
8152G–AVR–11/09
ATmega164PA/324PA/644PA/1284P
7.
AVR Memories
7.1
Overview
This section describes the different memories in the ATmega164PA/324PA/644PA/1284P. The
AVR architecture has two main memory spaces, the Data Memory and the Program Memory
space. In addition, the ATmega164PA/324PA/644PA/1284P features an EEPROM Memory for
data storage. All three memory spaces are linear and regular.
7.2
In-System Reprogrammable Flash Program Memory
The ATmega164PA/324PA/644PA/1284P contains 16/32/64/128K bytes On-chip In-System
Reprogrammable Flash memory for program storage. Since all AVR instructions are 16 or 32
bits wide, the Flash is organized as 32/64 x 16. For software security, the Flash Program mem-
ory space is divided into two sections, Boot Program section and Application Program section.
The F lash memory has an endurance of at least 10,000 write/erase cycles. The
ATmega164PA/324PA/644PA/1284P Program Counter (PC) is 15/16 bits wide, thus addressing
the 32/64K program memory locations. The operation of Boot Program section and associated
Boot Lock bits for software protection are described in detail in ”Memory Programming” on page
296. ”Memory Programming” on page 296 contains a detailed description on Flash data serial
downloading using the SPI pins or the JTAG interface.
Constant tables can be allocated within the entire program memory address space (see the LPM
– Load Program Memory instruction description.
Timing diagrams for instruction fetch and execution are presented in ”Instruction Execution Tim-
ing” on page 15.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com