Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega324PA Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATmega324PA
Description  8-bit Microcontroller with 16/32/64/128K Bytes In-Sytem Programmable Flash
PDF  468 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega324PA Datasheet(HTML) 1 Page - ATMEL Corporation

  ATmega324PA Datasheet HTML 1Page - ATMEL Corporation ATmega324PA Datasheet HTML 2Page - ATMEL Corporation ATmega324PA Datasheet HTML 3Page - ATMEL Corporation ATmega324PA Datasheet HTML 4Page - ATMEL Corporation ATmega324PA Datasheet HTML 5Page - ATMEL Corporation ATmega324PA Datasheet HTML 6Page - ATMEL Corporation ATmega324PA Datasheet HTML 7Page - ATMEL Corporation ATmega324PA Datasheet HTML 8Page - ATMEL Corporation ATmega324PA Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 468 page
background image
Features
• High-performance, Low-power AVR® 8-bit Microcontroller
• Advanced RISC Architecture
– 131 Powerful Instructions – Most Single-clock Cycle Execution
– 32 x 8 General Purpose Working Registers
– Fully Static Operation
– Up to 20 MIPS Throughput at 20 MHz
– On-chip 2-cycle Multiplier
• High Endurance Non-volatile Memory segments
– 16/32/64/128K Bytes of In-System Self-programmable Flash program memory
– 512B/1K/2K/4K Bytes EEPROM
– 1/2/4/16K Bytes Internal SRAM
– Write/Erase Cycles: 10,000 Flash/ 100,000 EEPROM
– Data retention: 20 years at 85
°C/ 100 years at 25°C(1)
– Optional Boot Code Section with Independent Lock Bits
In-System Programming by On-chip Boot Program
True Read-While-Write Operation
– Programming Lock for Software Security
• JTAG (IEEE std. 1149.1 Compliant) Interface
– Boundary-scan Capabilities According to the JTAG Standard
– Extensive On-chip Debug Support
– Programming of Flash, EEPROM, Fuses, and Lock Bits through the JTAG Interface
• Peripheral Features
– Two 8-bit Timer/Counters with Separate Prescalers and Compare Modes
– One 16-bit Timer/Counter with Separate Prescaler, Compare Mode, and Capture Mode
– Real Time Counter with Separate Oscillator
– Six PWM Channels
– 8-channel, 10-bit ADC
Differential mode with selectable gain at 1x, 10x or 200x
– Byte-oriented Two-wire Serial Interface
– Two Programmable Serial USART
– Master/Slave SPI Serial Interface
– Programmable Watchdog Timer with Separate On-chip Oscillator
– On-chip Analog Comparator
– Interrupt and Wake-up on Pin Change
• Special Microcontroller Features
– Power-on Reset and Programmable Brown-out Detection
– Internal Calibrated RC Oscillator
– External and Internal Interrupt Sources
– Six Sleep Modes: Idle, ADC Noise Reduction, Power-save, Power-down, Standby and
Extended Standby
• I/O and Packages
– 32 Programmable I/O Lines
– 40-pin PDIP, 44-lead TQFP, 44-pad VQFN/QFN/MLF
– 44-pad DRQFN
– 49-ball VFBGA
• Operating Voltages
– 1.8 - 5.5V
• Speed Grades for ATmega164PA/324PA/644PA/1284P
– 0 - 20MHz @ 1.8 - 5.5V
• Power Consumption at 1 MHz, 1.8V, 25°C
– Active: 0.4 mA
– Power-down Mode: 0.1µA
– Power-save Mode: 0.6µA (Including 32 kHz RTC)
Note:
1. See ”Data Retention” on page 9 for details.
8-bit
Microcontroller
with
16/32/64/128K
Bytes In-System
Programmable
Flash
ATmega164PA
ATmega324PA
ATmega644PA
ATmega1284P
8152G–AVR–11/09


Similar Part No. - ATmega324PA

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA324PA ATMEL-ATMEGA324PA Datasheet
546Kb / 24P
8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATmega324PA ATMEL-ATmega324PA Datasheet
635Kb / 30P
8-bit Microcontroller with 16/32/64/128K Bytes In-System Programmable Flash
Rev. 8152GS-AVR-11/09
ATMEGA324PA ATMEL-ATMEGA324PA Datasheet
627Kb / 32P
8-bit Microcontroller with 16/32/64/128K Bytes In-System Programmable Flash
ATMEGA324PA ATMEL-ATMEGA324PA Datasheet
601Kb / 33P
8-bit Atmel Microcontroller with 16/32/64/128K Bytes In-System Programmable Flash
8272CS-AVR-06/11
ATMEGA324PA-AU ATMEL-ATMEGA324PA-AU Datasheet
546Kb / 24P
8-bit Microcontroller with 32K Bytes In-System Programmable Flash
More results

Similar Description - ATmega324PA

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA164PA ATMEL-ATMEGA164PA_09 Datasheet
635Kb / 30P
8-bit Microcontroller with 16/32/64/128K Bytes In-System Programmable Flash
Rev. 8152GS-AVR-11/09
ATMEGA164A ATMEL-ATMEGA164A Datasheet
627Kb / 32P
8-bit Microcontroller with 16/32/64/128K Bytes In-System Programmable Flash
ATMEGA164A ATMEL-ATMEGA164A_11 Datasheet
601Kb / 33P
8-bit Atmel Microcontroller with 16/32/64/128K Bytes In-System Programmable Flash
8272CS-AVR-06/11
ATMEGA164A ATMEL-ATMEGA164A_14 Datasheet
820Kb / 34P
8-bit Atmel Microcontroller with 16/32/64/128K Bytes
ATMEGA164PA ATMEL-ATMEGA164PA_14 Datasheet
820Kb / 34P
8-bit Atmel Microcontroller with 16/32/64/128K Bytes
ATMEGA324A ATMEL-ATMEGA324A_14 Datasheet
820Kb / 34P
8-bit Atmel Microcontroller with 16/32/64/128K Bytes
ATMEGA324PA ATMEL-ATMEGA324PA_14 Datasheet
820Kb / 34P
8-bit Atmel Microcontroller with 16/32/64/128K Bytes
ATMEGA644A ATMEL-ATMEGA644A_14 Datasheet
820Kb / 34P
8-bit Atmel Microcontroller with 16/32/64/128K Bytes
ATMEGA644PA ATMEL-ATMEGA644PA_14 Datasheet
820Kb / 34P
8-bit Atmel Microcontroller with 16/32/64/128K Bytes
ATMEGA1284 ATMEL-ATMEGA1284_14 Datasheet
820Kb / 34P
8-bit Atmel Microcontroller with 16/32/64/128K Bytes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com