Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega324PA Datasheet(PDF) 86 Page - ATMEL Corporation

Part # ATmega324PA
Description  8-bit Microcontroller with 16/32/64/128K Bytes In-Sytem Programmable Flash
PDF  468 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega324PA Datasheet(HTML) 86 Page - ATMEL Corporation

Back Button ATmega324PA Datasheet HTML 82Page - ATMEL Corporation ATmega324PA Datasheet HTML 83Page - ATMEL Corporation ATmega324PA Datasheet HTML 84Page - ATMEL Corporation ATmega324PA Datasheet HTML 85Page - ATMEL Corporation ATmega324PA Datasheet HTML 86Page - ATMEL Corporation ATmega324PA Datasheet HTML 87Page - ATMEL Corporation ATmega324PA Datasheet HTML 88Page - ATMEL Corporation ATmega324PA Datasheet HTML 89Page - ATMEL Corporation ATmega324PA Datasheet HTML 90Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 468 page
background image
86
8152G–AVR–11/09
ATmega164PA/324PA/644PA/1284P
• T0/XCK0/PCINT8, Bit 0
T0, Timer/Counter0 counter source.
XCK0, USART0 External clock. The Data Direction Register (DDB0) controls whether the clock
is output (DDD0 set “one”) or input (DDD0 cleared). The XCK0 pin is active only when the
USART0 operates in Synchronous mode.
PCINT8, Pin Change Interrupt source 8: The PB0 pin can serve as an external interrupt source.
Table 13-7 and Table 13-8 relate the alternate functions of Port B to the overriding signals
shown in Figure 13-5 on page 80. SPI MSTR INPUT and SPI SLAVE OUTPUT constitute the
MISO signal, while MOSI is divided into SPI MSTR OUTPUT and SPI SLAVE INPUT. .
Table 13-7.
Overriding Signals for Alternate Functions in PB7:PB4
Signal
Name
PB7/SCK/
PCINT15
PB6/MISO/
PCINT14
PB5/MOSI/
PCINT13
PB4/SS/OC0B/
PCINT12
PUOE
SPE • MSTR
SPE • MSTR
SPE • MSTR
SPE • MSTR
PUOV
PORTB7 • PUD
PORTB14 • PUD
PORTB13 • PUD
PORTB12 • PUD
DDOE
SPE • MSTR
SPE • MSTR
SPE • MSTR
SPE • MSTR
DDOV
0
0
0
0
PVOE
SPE • MSTR
SPE • MSTR
SPE • MSTR
OC0A ENABLE
PVOV
SCK OUTPUT
SPI SLAVE
OUTPUT
SPI MSTR OUTPUT
OC0A
DIEOE
PCINT15 • PCIE1
PCINT14 • PCIE1
PCINT13 • PCIE1
PCINT12 • PCIE1
DIEOV
111
1
DI
SCK INPUT
PCINT17 INPUT
SPI MSTR INPUT
PCINT14 INPUT
SPI SLAVE INPUT
PCINT13 INPUT
SPI SS
PCINT12 INPUT
AIO
–––
–
Table 13-8.
Overriding Signals for Alternate Functions in PB3:PB0
Signal
Name
PB3/AIN1/OC0B/
PCINT11
PB2/AIN0/INT2/
PCINT10
PB1/T1/CLKO/PCIN
T9
PB0/T0/XCK/
PCINT8
PUOE
00
00
PUOV
00
00
DDOE
0
0
CKOUT
0
DDOV
0
0
CKOUT
0
PVOE
OC0B ENABLE
0
CKOUT
0
PVOV
OC0B
0
CLK I/O
0
DIEOE
PCINT11 • PCIE1
INT2 ENABLE
PCINT10 • PCIE1
PCINT9 • PCIE1
PCINT8 • PCIE1
DIEOV
1
1
1
1
DI
PCINT11 INPUT
INT2 INPUT
PCINT10 INPUT
T1 INPUT
PCINT9 INPUT
T0 INPUT
PCINT8 INPUT
AIO
AIN1 INPUT
AIN0 INPUT
–
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com