Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega64A Datasheet(PDF) 82 Page - ATMEL Corporation

Part # ATmega64A
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega64A Datasheet(HTML) 82 Page - ATMEL Corporation

Back Button ATmega64A Datasheet HTML 78Page - ATMEL Corporation ATmega64A Datasheet HTML 79Page - ATMEL Corporation ATmega64A Datasheet HTML 80Page - ATMEL Corporation ATmega64A Datasheet HTML 81Page - ATMEL Corporation ATmega64A Datasheet HTML 82Page - ATMEL Corporation ATmega64A Datasheet HTML 83Page - ATMEL Corporation ATmega64A Datasheet HTML 84Page - ATMEL Corporation ATmega64A Datasheet HTML 85Page - ATMEL Corporation ATmega64A Datasheet HTML 86Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 392 page
background image
82
8160C–AVR–07/09
ATmega64A
Note:
1. When enabled, the Two-wire Serial Interface enables Slew-rate controls on the output pins
PD0 and PD1. This is not shown on the figure. In addition, spike filters are connected between
the AIO outputs shown in the port figure and the digital logic of the TWI module.
Table 13-13. Overriding Signals for Alternate Functions PD7:PD4
Signal Name
PD7/T2
PD6/T1
PD5/XCK1
PD4/ICP1
PUOE
0
0
0
0
PUOV
0
0
0
0
DDOE
0
0
0
0
DDOV
0
0
0
0
PVOE
0
0
UMSEL1
0
PVOV
0
0
XCK1 OUTPUT
0
DIEOE
0
0
0
0
DIEOV
0
0
0
0
DI
T2 INPUT
T1 INPUT
XCK1 INPUT
ICP1 INPUT
AIO
–
–
–
–
Table 13-14. Overriding Signals for Alternate Functions in PD3:PD0
(1)
Signal Name
PD3/INT3/TXD1
PD2/INT2/RXD1
PD1/INT1/SDA
PD0/INT0/SCL
PUOE
TXEN1
RXEN1
TWEN
TWEN
PUOV
0
PORTD2 • PUD
PORTD1 • PUD
PORTD0 • PUD
DDOE
TXEN1
RXEN1
TWEN
TWEN
DDOV
1
0
SDA_OUT
SCL_OUT
PVOE
TXEN1
0
TWEN
TWEN
PVOV
TXD1
0
0
0
DIEOE
INT3 ENABLE
INT2 ENABLE
INT1 ENABLE
INT0 ENABLE
DIEOV
1
1
1
1
DI
INT3 INPUT
INT2 INPUT/RXD1
INT1 INPUT
INT0 INPUT
AIO
–
–
SDA INPUT
SCL INPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com