Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega64A Datasheet(PDF) 31 Page - ATMEL Corporation

Part # ATmega64A
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega64A Datasheet(HTML) 31 Page - ATMEL Corporation

Back Button ATmega64A Datasheet HTML 27Page - ATMEL Corporation ATmega64A Datasheet HTML 28Page - ATMEL Corporation ATmega64A Datasheet HTML 29Page - ATMEL Corporation ATmega64A Datasheet HTML 30Page - ATMEL Corporation ATmega64A Datasheet HTML 31Page - ATMEL Corporation ATmega64A Datasheet HTML 32Page - ATMEL Corporation ATmega64A Datasheet HTML 33Page - ATMEL Corporation ATmega64A Datasheet HTML 34Page - ATMEL Corporation ATmega64A Datasheet HTML 35Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 392 page
background image
31
8160C–AVR–07/09
ATmega64A
• Bit 1 and Bit 6 MCUCR – SRW11, SRW10: Wait State Select Bits for Upper Sector
The SRW11 and SRW10 bits control the number of wait states for the upper sector of the exter-
nal memory address space, see Table 7-3.
• Bit 3:2 – SRW01, SRW00: Wait State Select Bits for Lower Sector
The SRW01 and SRW00 bits control the number of wait states for the lower sector of the exter-
nal memory address space, see Table 7-3.
Note:
1. n = 0 or 1 (lower/upper sector).
For further details of the timing and wait states of the External Memory Interface, see Figure 7-
6 to Figure 7-9 how the setting of the SRW bits affects the timing.
• Bit 0 – Res: Reserved Bit
This is a reserved bit and will always read as zero. When writing to this address location, write
this bit to zero for compatibility with future devices.
Table 7-2.
Sector Limits with Different Settings of SRL2:0
SRL2
SRL1
SRL0
Sector Limits
0
0
0
Lower sector = N/A
Upper sector = 0x1100 - 0xFFFF
0
0
1
Lower sector = 0x1100 - 0x1FFF
Upper sector = 0x2000 - 0xFFFF
0
1
0
Lower sector = 0x1100 - 0x3FFF
Upper sector = 0x4000 - 0xFFFF
0
1
1
Lower sector = 0x1100 - 0x5FFF
Upper sector = 0x6000 - 0xFFFF
1
0
0
Lower sector = 0x1100 - 0x7FFF
Upper sector = 0x8000 - 0xFFFF
1
0
1
Lower sector = 0x1100 - 0x9FFF
Upper sector = 0xA000 - 0xFFFF
1
1
0
Lower sector = 0x1100 - 0xBFFF
Upper sector = 0xC000 - 0xFFFF
1
1
1
Lower sector = 0x1100 - 0xDFFF
Upper sector = 0xE000 - 0xFFFF
Table 7-3.
Wait States
(1)
SRWn1
SRWn0
Wait States
00
No wait states
0
1
Wait one cycle during read/write strobe
1
0
Wait two cycles during read/write strobe
11
Wait two cycles during read/write and wait one cycle before driving out new
address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com