Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega64A Datasheet(PDF) 25 Page - ATMEL Corporation

Part # ATmega64A
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega64A Datasheet(HTML) 25 Page - ATMEL Corporation

Back Button ATmega64A Datasheet HTML 21Page - ATMEL Corporation ATmega64A Datasheet HTML 22Page - ATMEL Corporation ATmega64A Datasheet HTML 23Page - ATMEL Corporation ATmega64A Datasheet HTML 24Page - ATMEL Corporation ATmega64A Datasheet HTML 25Page - ATMEL Corporation ATmega64A Datasheet HTML 26Page - ATMEL Corporation ATmega64A Datasheet HTML 27Page - ATMEL Corporation ATmega64A Datasheet HTML 28Page - ATMEL Corporation ATmega64A Datasheet HTML 29Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 392 page
background image
25
8160C–AVR–07/09
ATmega64A
• D to Q propagation delay (t
pd).
• Data setup time before G low (t
su).
• Data (address) hold time after G low (
th).
The external memory interface is designed to guaranty minimum address hold time after G is
asserted low of t
h = 5 ns (refer to tLAXX_LD/tLLAXX_ST in Table 28-8 to Table 28-15 on page 340).
The D to Q propagation delay (t
pd) must be taken into consideration when calculating the access
time requirement of the external component. The data setup time before G low (t
su) must not
exceed address valid to ALE low (t
AVLLC) minus PCB wiring delay (dependent on the capacitive
load).
Figure 7-5.
External SRAM Connected to the AVR
7.5.5
Pull-up and Bus Keeper
The pull-ups on the AD7:0 ports may be activated if the corresponding Port Register is written to
one. To reduce power consumption in sleep mode, it is recommended to disable the pull-ups by
writing the Port Register to zero before entering sleep.
The XMEM interface also provides a Bus Keeper on the AD7:0 lines. The Bus Keeper can be
disabled and enabled in software as described in “XMCRB – External Memory Control Register
B” on page 32. When enabled, the Bus Keeper will ensure a defined logic level (zero or one) on
the AD7:0 bus when these lines would otherwise be tri-stated by the XMEM interface.
7.5.6
Timing
External memory devices have different timing requirements. To meet these requirements, the
ATmega64A XMEM interface provides four different wait states as shown in Table 7-3. It is
important to consider the timing specification of the external memory device before selecting the
wait-state. The most important parameters are the access time for the external memory com-
pared to the set-up requirement of the ATmega64A. The access time for the external memory is
defined to be the time from receiving the chip select/address until the data of this address actu-
ally is driven on the bus. The access time cannot exceed the time from the ALE pulse is asserted
low until data must be stable during a read sequence (t
LLRL+ tRLRH - tDVRH in Table 28-8 to Table
28-15 on page 340). The different wait states are set up in software. As an additional feature, it
is possible to divide the external memory space in two sectors with individual wait-state settings.
This makes it possible to connect two different memory devices with different timing require-
ments to the same XMEM interface. For XMEM interface timing details, please refer to Figure
28-6 to Figure 28-9, and Table 28-8 to Table 28-15.
D[7:0]
A[7:0]
A[15:8]
RD
WR
SRAM
DQ
G
AD7:0
ALE
A15:8
RD
WR
AVR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com