Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega64A Datasheet(PDF) 88 Page - ATMEL Corporation

Part # ATmega64A
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega64A Datasheet(HTML) 88 Page - ATMEL Corporation

Back Button ATmega64A Datasheet HTML 84Page - ATMEL Corporation ATmega64A Datasheet HTML 85Page - ATMEL Corporation ATmega64A Datasheet HTML 86Page - ATMEL Corporation ATmega64A Datasheet HTML 87Page - ATMEL Corporation ATmega64A Datasheet HTML 88Page - ATMEL Corporation ATmega64A Datasheet HTML 89Page - ATMEL Corporation ATmega64A Datasheet HTML 90Page - ATMEL Corporation ATmega64A Datasheet HTML 91Page - ATMEL Corporation ATmega64A Datasheet HTML 92Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 392 page
background image
88
8160C–AVR–07/09
ATmega64A
•WR – Port G, Bit 0
WR is the external data memory write control strobe.
Table 13-22 and Table 13-23 relates the alternate functions of Port G to the overriding signals
shown in Figure 13-5 on page 73.
13.4
Register Description
13.4.1
PORTA – Port A Data Register
Table 13-22. Overriding Signals for Alternate Functions in PG4:PG1
Signal Name
PG4/TOSC1
PG3/TOSC2
PG2/ALE
PG1/RD
PUOE
AS0
AS0
SRE
SRE
PUOV
0
0
0
0
DDOE
AS0
AS0
SRE
SRE
DDOV
0
0
1
1
PVOE
0
0
SRE
SRE
PVOV
0
0
ALE
RD
DIEOE
AS0
AS0
0
0
DIEOV
0
0
0
0
DI
–
–
–
–
AIO
T/C0 OSC INPUT
T/C0 OSC OUTPUT
–
–
Table 13-23. Overriding Signals for Alternate Functions in PG0
Signal Name
PG0/WR
PUOE
SRE
PUOV
0
DDOE
SRE
DDOV
1
PVOE
SRE
PVOV
WR
DIEOE
0
DIEOV
0
DI
–
AIO
–
Bit
7
65
43
21
0
0x1B (0x3B)
PORTA7
PORTA6
PORTA5
PORTA4
PORTA3
PORTA2
PORTA1
PORTA0
PORTA
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com