Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega64A Datasheet(PDF) 83 Page - ATMEL Corporation

Part # ATmega64A
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega64A Datasheet(HTML) 83 Page - ATMEL Corporation

Back Button ATmega64A Datasheet HTML 79Page - ATMEL Corporation ATmega64A Datasheet HTML 80Page - ATMEL Corporation ATmega64A Datasheet HTML 81Page - ATMEL Corporation ATmega64A Datasheet HTML 82Page - ATMEL Corporation ATmega64A Datasheet HTML 83Page - ATMEL Corporation ATmega64A Datasheet HTML 84Page - ATMEL Corporation ATmega64A Datasheet HTML 85Page - ATMEL Corporation ATmega64A Datasheet HTML 86Page - ATMEL Corporation ATmega64A Datasheet HTML 87Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 392 page
background image
83
8160C–AVR–07/09
ATmega64A
13.3.5
Alternate Functions of Port E
The Port E pins with alternate functions are shown in Table 13-15.
Note:
1. ICP3, T3, OC3C, OC3B, OC3B, OC3A, and XCK0 not applicable in ATmega103 compatibility
mode.
• INT7/ICP3 – Port E, Bit 7
INT7, External Interrupt Source 7: The PE7 pin can serve as an External Interrupt source.
ICP3 – Input Capture Pin3: The PE7 pin can act as an Input Capture pin for Timer/Counter3.
• INT6/T3 – Port E, Bit 6
INT6, External Interrupt Source 6: The PE6 pin can serve as an External Interrupt source.
T3, Timer/Counter3 Counter Source.
• INT5/OC3C – Port E, Bit 5
INT5, External Interrupt Source 5: The PE5 pin can serve as an External Interrupt source.
OC3C, Output Compare Match C output: The PE5 pin can serve as an external output for the
Timer/Counter3 Output Compare C. The pin has to be configured as an output (DDE5 set – one)
to serve this function. The OC3C pin is also the output pin for the PWM mode timer function.
• INT4/OC3B – Port E, Bit 4
INT4, External Interrupt Source 4: The PE4 pin can serve as an External Interrupt source.
OC3B, Output Compare Match B output: The PE4 pin can serve as an external output for the
Timer/Counter3 Output Compare B. The pin has to be configured as an output (DDE4 set – one)
to serve this function. The OC3B pin is also the output pin for the PWM mode timer function.
• AIN1/OC3A – Port E, Bit 3
AIN1 – Analog Comparator Negative input. This pin is directly connected to the negative input of
the Analog Comparator.
OC3A, Output Compare Match A output: The PE3 pin can serve as an external output for the
Timer/Counter3 Output Compare A. The pin has to be configured as an output (DDE3 set – one)
to serve this function. The OC3A pin is also the output pin for the PWM mode timer function.
Table 13-15. Port E Pins Alternate Functions
Port Pin
Alternate Function
PE7
INT7/ICP3(1) (External Interrupt 7 Input or Timer/Counter3 Input Capture Pin)
PE6
INT6/ T3(1) (External Interrupt 6 Input or Timer/Counter3 Clock Input)
PE5
INT5/OC3C(1) (External Interrupt 5 Input or Output Compare and PWM Output C for
Timer/Counter3)
PE4
INT4/OC3B(1) (External Interrupt 4 Input or Output Compare and PWM Output B for
Timer/Counter3)
PE3
AIN1/OC3A (1) (Analog Comparator Negative Input or Output Compare and PWM Output A
for Timer/Counter3)
PE2
AIN0/XCK0(1) (Analog Comparator Positive Input or USART0 external clock input/output)
PE1
PDO/TXD0 (Programming Data Output or UART0 Transmit Pin)
PE0
PDI/RXD0 (Programming Data Input or UART0 Receive Pin)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com