Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega64A Datasheet(PDF) 84 Page - ATMEL Corporation

Part # ATmega64A
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega64A Datasheet(HTML) 84 Page - ATMEL Corporation

Back Button ATmega64A Datasheet HTML 80Page - ATMEL Corporation ATmega64A Datasheet HTML 81Page - ATMEL Corporation ATmega64A Datasheet HTML 82Page - ATMEL Corporation ATmega64A Datasheet HTML 83Page - ATMEL Corporation ATmega64A Datasheet HTML 84Page - ATMEL Corporation ATmega64A Datasheet HTML 85Page - ATMEL Corporation ATmega64A Datasheet HTML 86Page - ATMEL Corporation ATmega64A Datasheet HTML 87Page - ATMEL Corporation ATmega64A Datasheet HTML 88Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 392 page
background image
84
8160C–AVR–07/09
ATmega64A
• AIN0/XCK0 – Port E, Bit 2
AIN0 – Analog Comparator Positive input. This pin is directly connected to the positive input of
the Analog Comparator.
XCK0, USART0 External Clock. The Data Direction Register (DDE2) controls whether the clock
is output (DDE2 set) or input (DDE2 cleared). The XCK0 pin is active only when the USART0
operates in synchronous mode.
• PDO/TXD0 – Port E, Bit 1
PDO, SPI Serial Programming Data output. During Serial Program Downloading, this pin is used
as data output line for the ATmega64A.
TXD0, UART0 Transmit Pin.
• PDI/RXD0 – Port E, Bit 0
PDI, SPI Serial Programming Data input. During serial program downloading, this pin is used as
data input line for the ATmega64A.
RXD0, USART0 Receive pin. Receive Data (Data Input pin for the USART0). When the
USART0 Receiver is enabled this pin is configured as an input regardless of the value of
DDRE0. When the USART0 forces this pin to be an input, a logical one in PORTE0 will turn on
the internal pull-up.
Table 13-16 and Table 13-17 relates the alternate functions of Port E to the overriding signals
shown in Figure 13-5 on page 73.
Table 13-16. Overriding Signals for Alternate Functions PE7:PE4
Signal
Name
PE7/INT7/ICP3
PE6/INT6/T3
PE5/INT5/OC3C
PE4/INT4/OC3B
PUOE
000
0
PUOV
000
0
DDOE
0
0
0
0
DDOV
0
0
0
0
PVOE
0
0
OC3C ENABLE
OC3B ENABLE
PVOV
0
0
OC3C
OC3B
DIEOE
INT7 ENABLE
INT6 ENABLE
INT5 ENABLE
INT4 ENABLE
DIEOV
111
1
DI
INT7 INPUT/ICP3
INPUT
INT7 INPUT/T3
INPUT
INT5 INPUT
INT4 INPUT
AIO
–––
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com