Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega64A Datasheet(PDF) 101 Page - ATMEL Corporation

Part # ATmega64A
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega64A Datasheet(HTML) 101 Page - ATMEL Corporation

Back Button ATmega64A Datasheet HTML 97Page - ATMEL Corporation ATmega64A Datasheet HTML 98Page - ATMEL Corporation ATmega64A Datasheet HTML 99Page - ATMEL Corporation ATmega64A Datasheet HTML 100Page - ATMEL Corporation ATmega64A Datasheet HTML 101Page - ATMEL Corporation ATmega64A Datasheet HTML 102Page - ATMEL Corporation ATmega64A Datasheet HTML 103Page - ATMEL Corporation ATmega64A Datasheet HTML 104Page - ATMEL Corporation ATmega64A Datasheet HTML 105Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 392 page
background image
101
8160C–AVR–07/09
ATmega64A
pare Match between OCR0 and TCNT0 when the counter increments, and setting (or clearing)
the OC0 Register at Compare Match between OCR0 and TCNT0 when the counter decrements.
The PWM frequency for the output when using phase correct PWM can be calculated by the fol-
lowing equation:
The N variable represents the prescale factor (1, 8, 32, 64, 128, 256, or 1024).
The extreme values for the OCR0 Register represent special cases when generating a PWM
waveform output in the phase correct PWM mode. If the OCR0 is set equal to BOTTOM, the out-
put will be continuously low and if set equal to MAX the output will be continuously high for non-
inverted PWM mode. For inverted PWM the output will have the opposite logic values.
At the very start of period 2 in Figure 14-7 OCn has a transition from high to low even though
there is no Compare Match. The point of this transition is to guarantee symmetry around BOT-
TOM. There are two cases that give a transition without Compare Match.
• OCR0 changes its value from MAX, like in Figure 14-7. When the OCR0 value is MAX the
OCn pin value is the same as the result of a down-counting Compare Match. To ensure
symmetry around BOTTOM the OCn value at MAX must correspond to the result of an up-
counting Compare Match.
• The timer starts counting from a higher value than the one in OCR0, and for that reason
misses the Compare Match and hence the OCn change that would have happened on the
way up.
14.8
Timer/Counter Timing Diagrams
Figure 14-8 and Figure 14-9 contain timing data for the Timer/Counter operation. The
Timer/Counter is a synchronous design and the timer clock (clk
T0) is therefore shown as a clock
enable signal. The figure shows the count sequence close to the MAX value. Figure 14-10 and
Figure 14-11 show the same timing data, but with the prescaler enabled. The figures illustrate
when interrupt flags are set.
The following figures show the Timer/Counter in synchronous mode, and the timer clock (clk
T0)
is therefore shown as a clock enable signal. In asynchronous mode, clk
I/O should be replaced by
the Timer/Counter Oscillator clock. The figures include information on when interrupt flags are
set. Figure 14-8 contains timing data for basic Timer/Counter operation. The figure shows the
count sequence close to the MAX value in all modes other than phase correct PWM mode.
Figure 14-8. Timer/Counter Timing Diagram, no Prescaling
fOCnPCPWM
f
clk_I/O
N 510
⋅
------------------
=
clk
Tn
(clk
I/O/1)
TOVn
clk
I/O
TCNTn
MAX - 1
MAX
BOTTOM
BOTTOM + 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com