Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega64A Datasheet(PDF) 142 Page - ATMEL Corporation

Part # ATmega64A
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega64A Datasheet(HTML) 142 Page - ATMEL Corporation

Back Button ATmega64A Datasheet HTML 138Page - ATMEL Corporation ATmega64A Datasheet HTML 139Page - ATMEL Corporation ATmega64A Datasheet HTML 140Page - ATMEL Corporation ATmega64A Datasheet HTML 141Page - ATMEL Corporation ATmega64A Datasheet HTML 142Page - ATMEL Corporation ATmega64A Datasheet HTML 143Page - ATMEL Corporation ATmega64A Datasheet HTML 144Page - ATMEL Corporation ATmega64A Datasheet HTML 145Page - ATMEL Corporation ATmega64A Datasheet HTML 146Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 392 page
background image
142
8160C–AVR–07/09
ATmega64A
• Bit 5 – ICF3: Timer/Counter3, Input Capture Flag
This flag is set when a capture event occurs on the ICP3 pin. When the Input Capture Register
(ICR3) is set by the WGM3:0 to be used as the TOP value, the ICF3 flag is set when the counter
reaches the TOP value.
ICF3 is automatically cleared when the Input Capture 3 Interrupt Vector is executed. Alterna-
tively, ICF3 can be cleared by writing a logic one to its bit location.
• Bit 4 – OCF3A: Timer/Counter3, Output Compare A Match Flag
This flag is set in the timer clock cycle after the counter (TCNT3) value matches the Output
Compare Register A (OCR3A).
Note that a Forced Output Compare (FOC3A) strobe will not set the OCF3A flag.
OCF3A is automatically cleared when the Output Compare Match 3 A Interrupt Vector is exe-
cuted. Alternatively, OCF3A can be cleared by writing a logic one to its bit location.
• Bit 3 – OCF3B: Timer/Counter3, Output Compare B Match Flag
This flag is set in the timer clock cycle after the counter (TCNT3) value matches the Output
Compare Register B (OCR3B).
Note that a Forced Output Compare (FOC3B) strobe will not set the OCF3B flag.
OCF3B is automatically cleared when the Output Compare Match 3 B Interrupt Vector is exe-
cuted. Alternatively, OCF3B can be cleared by writing a logic one to its bit location.
• Bit 2 – TOV3: Timer/Counter3, Overflow Flag
The setting of this flag is dependent of the WGM3:0 bits setting. In Normal and CTC modes, the
TOV3 flag is set when the timer overflows. Refer to Table 14-2 on page 106 for the TOV3 flag
behavior when using another WGM3:0 bit setting.
TOV3 is automatically cleared when the Timer/Counter3 Overflow Interrupt Vector is executed.
Alternatively, OCF3B can be cleared by writing a logic one to its bit location.
• Bit 1 – OCF3C: Timer/Counter3, Output Compare C Match Flag
This flag is set in the timer clock cycle after the counter (TCNT3) value matches the Output
Compare Register C (OCR3C).
Note that a Forced Output Compare (FOC3C) strobe will not set the OCF3C flag.
OCF3C is automatically cleared when the Output Compare Match 3 C Interrupt Vector is exe-
cuted. Alternatively, OCF3C can be cleared by writing a logic one to its bit location.
• Bit 0 – OCF1C: Timer/Counter1, Output Compare C Match Flag
This flag is set in the timer clock cycle after the counter (TCNT1) value matches the Output
Compare Register C (OCR1C).
Note that a Forced Output Compare (FOC1C) strobe will not set the OCF1C flag.
OCF1C is automatically cleared when the Output Compare Match 1 C Interrupt Vector is exe-
cuted. Alternatively, OCF1C can be cleared by writing a logic one to its bit location.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com